Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46R01 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
HT46R01/HT46R02/HT46R03
Rev. 1.00
25
September 21, 2007
7+1 PWM Mode
Each full PWM cycle, as it is controlled by an 8-bit PWM
register, has 256 clock periods. However, in the 7+1
PWM mode, each PWM cycle is subdivided into two indi-
vidual sub-cycles known as modulation cycle 0 ~ modula-
tion cycle 1, denoted as i in the table. Each one of these
two sub-cycles contains 128 clock cycles. In this mode, a
modulation frequency increase of two is achieved. The
8-bit PWM register value, which represents the overall
duty cycle of the PWM waveform, is divided into two
groups. The first group which consists of bit1~bit7 is de-
noted here as the DC value. The second group which
consists of bit0 is known as the AC value. In the 7+1
PWM mode, the duty cycle value of each of the two mod-
ulation sub-cycles is shown in the following table.
Parameter
AC (0~1)
DC
(Duty Cycle)
Modulation cycle i
(i=0~1)
i<AC
DC+1
128
i
³AC
DC
128
7+1 Mode Modulation Cycle Values
The following diagram illustrates the waveforms associ-
ated with the 7+1 mode PWM operation. It is important
to note how the single PWM cycle is subdivided into 2 in-
dividual modulation cycles, numbered 0 and 1 and how
the AC value is related to the PWM value.
P W M R e g i s t e r
( 6 + 2 ) M o d e
b 7
b 0
A C v a l u e
D C v a l u e
PWM Register for 6+2 Mode
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M m o d u l a t i o n p e r i o d : 1 2 8 / f S Y S
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 2 / 1 2 8
5 0 / 1 2 8
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 2 / 1 2 8
M o d u l a t i o n c y c l e 0
P W M c y c l e : 2 5 6 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 0
7+1 PWM Mode
P W M R e g i s t e r
( 7 + 1 ) M o d e
b 7
b 0
A C v a l u e
D C v a l u e
PWM Register for 7+1 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com