Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R01 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
HT46R01/HT46R02/HT46R03
Rev. 1.00
32
September 21, 2007
A/D Transfer Function
As the HT46R01 devices contain an 8-bit A/D converter,
their full-scale converted digitised value is equal to
0FFH. Since the full-scale analog input value is equal to
the VDD voltage, this gives a single bit analog input value
of VDD/256. For the HT46R02 devices, which contains a
9-bit A/D converter, their full-scale converted digitised
value is equal to 1FFH, giving a single bit analog input
value of VDD/512, while for the HT46R03 devices, which
contains a 12-bit A/D converter, their full-scale con-
verted digitised value is equal to FFFH, giving a single
bit analog input value of VDD/4096. The following graphs
show the ideal transfer function between the analog in-
put value and the digitised output value for the A/D con-
verters.
Note that to reduce the quantisation error, a 0.5 LSB off-
set is added to the A/D Converter input. Except for the
digitised zero value, the subsequent digitised values will
change at a point 0.5 LSB below where they would
change without the offset, and the last full scale digitised
value will change at a point 1.5 LSB below the VDD level.
1 F E H
(
)
A / D C o n v e r s i o n
R e s u l t
1 F F H
1 F D H
0 3 H
0 2 H
0 1 H
0 . 5 L S B
0
1
2
3
5 0 9
5 1 0
5 1 1
5 1 2
A n a l o g I n p u t V o l t a g e
1 . 5 L S B
V D D
5 1 2
Ideal A/D Transfer Function
- HT46R02
F E H
(
)
A / D C o n v e r s i o n
R e s u l t
F F H
F D H
0 3 H
0 2 H
0 1 H
0 . 5 L S B
0
1
2
3
2 5 3
2 5 4
2 5 5
2 5 6
A n a l o g I n p u t V o l t a g e
1 . 5 L S B
V D D
2 5 6
Ideal A/D Transfer Function
- HT46R01
F F E H
(
)
A / D C o n v e r s i o n
R e s u l t
F F F H
F F D H
0 3 H
0 2 H
0 1 H
0 . 5 L S B
0
1
2
3
4 0 9 3 4 0 9 4 4 0 9 5 4 0 9 6
A n a l o g I n p u t V o l t a g e
1 . 5 L S B
V D D
4 0 9 6
Ideal A/D Transfer Function
- HT46R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com