Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
HT46R01/HT46R02/HT46R03
10-Pin MSOP A/D Type 8-Bit OTP MCU
Selection Table
Part No.
VDD
Program
Memory
Data
Memory
I/O
Timer
A/D
PWM
PFD
Stack
Package
Types
HT46R01
2.2V~5.5V
1K
´14
64
´8
8
8-bit
´1
8-bit
´4
8-bit
´1
Ö
4
10MSOP
HT46R02
2.2V~5.5V
2K
´14
96
´8
8
8-bit
´2
9-bit
´4
8-bit
´1
Ö
6
10MSOP
HT46R03
2.2V~5.5V
4K
´15
160
´8
8
8-bit
´2 12-bit´4 8-bit´1
Ö
8
10MSOP
Rev. 1.00
1
September 21, 2007
General Description
The HT46R01/HT46R02/HT46R03 are 8-bit high per-
formance, RISC architecture microcontroller devices
specifically designed for a wide range of applications. In
addition to providing the usual microcontroller I/O con-
trol functions, the fully integrated A/D converter allows
the interfacing and processing of external analog sig-
nals such as those from sensors. The PWM function
also allows the driving of external analog signals for ap-
plications such as motor driving while the PFD function
provides a means of generating a fixed frequency refer-
ence. The usual Holtek microcontroller features of low
power consumption, I/O flexibility, timer functions, oscil-
lator options, power down and wake-up functions,
watchdog timer and low voltage reset, combine to pro-
vide devices with a huge range of functional options
while still maintaining cost effectiveness. Their fully inte-
grated system oscillator, with three frequency selec-
tions, and being supplied in an extremely small outline
MSOP 10-pin package opens up a huge range of new
application possibilities for these devices, some of
which include may include industrial control, consumer
products, household appliances subsystem controllers,
etc.
Features
· Operating voltage:
fSYS= 4MHz: 2.2V~5.5V
fSYS= 8MHz: 3.3V~5.5V
fSYS= 12MHz: 4.5V~5.5V
· 7 bidirectional I/O lines and 1 input line
· External interrupt input shared with an I/O line
· One or two 8-bit programmable Timer/Event Coun-
ters with overflow interrupt and 7-stage prescaler
· External crystal system oscillator
· Fully integrated internal RC oscillator available with
three frequencies: 4MHz, 8MHz or 12MHz
· Watchdog Timer function
· PFD for audio frequency generation
· Power down and wake-up functions to reduce power
consumption
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· 4, 6 or 8-level subroutine nesting
· 4-channel 8, 9 or 12-bit resolution A/D converter
· 8-bit PWM output shared with I/O line
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· All instructions executed in one or two machine cy-
cles
· Low voltage reset function
· 10-pin ultra-small MSOP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0016E Writing and Reading to the HT24 EEPROM with the HT48 MCU Series
- HA0018E Controlling the HT1621 LCD Controller with the HT48 MCU Series
- HA0049E Read and Write Control of the HT1380
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT46R01

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
Enhanced A/D Type 8-Bit OTP MCU
HT46R017 HOLTEK-HT46R017 Datasheet
5Mb / 91P
Enhanced A/D Type 8-Bit OTP MCU
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
Small Package A/D Type 8-Bit OTP MCU
August 13, 2008
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01B HOLTEK-HT46R01B Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
More results

Similar Description - HT46R01

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT48R01 HOLTEK-HT48R01 Datasheet
313Kb / 38P
10-Pin MSOP I/O Type 8-Bit OTP MCU
December 20, 2006
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
A/D Type 8-Bit OTP MCU
September 20, 2007
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
A/D Type 8-Bit OTP MCU
August 24, 2006
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
A/D Type 8-Bit OTP MCU
March 6, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com