Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46R01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
¾
fSYS=8MHz
3.3
¾
5.5
V
¾
fSYS=12MHz
4.5
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
2.5
5
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=8MHz
¾
24
mA
5V
¾
48
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=12MHz
¾
612
mA
IDD4
Operating Current (Internal
RC+RTC OSC, Normal Mode)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
2.5
5
mA
IDD5
Operating Current (Internal
RC+RTC OSC, Normal Mode)
3V
No load, fSYS=8MHz
¾
24
mA
5V
¾
48
mA
IDD6
Operating Current (Internal
RC+RTC OSC, Normal Mode)
5V
No load, fSYS=12MHz
¾
612
mA
IDD7
Operating Current (Internal
RC+RTC OSC, Slow Mode)
3V
No load, fSYS=32768Hz
¾
20
30
mA
5V
¾
40
60
mA
ISTB1
Standby Current
(WDT Enabled, RTC Off)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(WDT Disabled, RTC Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB3
Standby Current
(WDT Disabled, RTC On)
3V
No load, system HALT
QOSC=1
¾¾
5
mA
5V
¾¾
10
mA
VIL1
Input Low Voltage for PA0~PA6,
TMR0, TMR1 and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage forPA0~PA6,
TMR0, TMR1 and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (PA7/RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (PA7/RES)
¾¾
0.9VDD
¾
VDD
V
VLVR1
Low Voltage Reset 1
¾
Configuration option: 4.2V
3.98
4.2
4.42
V
VLVR2
Low Voltage Reset 2
¾
Configuration option: 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3
¾
Configuration option: 2.1V
1.98
2.1
2.22
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
HT46R01/HT46R02/HT46R03
Rev. 1.00
4
September 21, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com