Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46R01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Device Markings
A suffix with the number 1, 2 or 3 will be added to each of the part numbers and printed on the package. The suffix num-
ber denotes the fixed oscillation frequency of the internal RC oscillator as shown.
Part No.
Device Marking
Internal RC Oscillator Frequency
HT46R01
46R01-1
46R01-2
46R01-3
4MHz
8MHz
12MHz
HT46R02
46R02-1
46R02-2
46R02-3
4MHz
8MHz
12MHz
HT46R03
46R03-1
46R03-2
46R03-3
4MHz
8MHz
12MHz
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
HT46R01/HT46R02/HT46R03
Rev. 1.00
2
September 21, 2007
T i m i n g
G e n e r a t o r
S y s t e m R C / X ' t a l /
R T C O s c i l l a t o r
I n s t r u c t i o n
D e c o d e r
I n s t r u c t i o n
R e g i s t e r
W D T
O s c i l l a t o r
D a t a
M e m o r y
M e m o r y
P o i n t e r
M U X
A C C
C o n f i g .
R e g i s t e r
W a t c h d o g
T i m e r
R e s e t &
L V R
C o n f i g .
R e g i s t e r
T i m e r ( s ) /
C o u n t e r
L o o k - u p
T a b l e
R e g i s t e r
P r o g r a m
M e m o r y
S t a c k
S t a c k P o i n t e r
P r o g r a m
C o u n t e r
L o o k - u p
T a b l e
P o i n t e r
C o n f i g .
R e g i s t e r
I / O
P o r t s
D e v i c e
P r o g r a m m i n g
C i r c u i t r y
C o n f i g u r a t i o n
O p t i o n
T o P r o g r a m
M e m o r y
A L U
S h i f t e r
M
U
X
C o n f i g .
R e g i s t e r
I n t e r r u p t
C i r c u i t
P F D
A / D
C o n v e r t e r
C o n f i g .
R e g i s t e r
P W M
B a n k
P o i n t e r
I n t e r n a l
O s c i l l a t o r
H T 4 6 R 0 1
1 0 M S O P - A
P A 3 / I N T / A N 3
P A 2 / T M R 0 / A N 2
P A 1 / P F D / A N 1
P A 0 / A N 0
V S S
P A 4 / P W M
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
V D D
1 0
9
8
7
6
1
2
3
4
5
P A 3 / I N T / A N 3
P A 2 / T M R 0 / A N 2
P A 1 / P F D / A N 1
P A 0 / A N 0
V S S
P A 4 / T M R 1 / P W M
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
V D D
1 0
9
8
7
6
1
2
3
4
5
H T 4 6 R 0 2 / H T 4 6 R 0 3
1 0 M S O P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com