Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R01 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
HT46R01/HT46R02/HT46R03
Rev. 1.00
39
September 21, 2007
HT46R02
Register
Reset
(Power-on)
WDT time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
Program
Counter
000H
000H
000H
000H
000H
MP0
1xxx xxxx
1uuu uuuu
uuuu uuuu
uuuu uuuu
1uuu uuuu
MP1
1xxx xxxx
1uuu uuuu
uuuu uuuu
uuuu uuuu
1uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
WDTS
---- -111
---- -111
---- -111
---- -111
---- -uuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
---0 ---0
---0 ---0
---0 ---0
---0 ---0
---u ---u
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
0000 1000
0000 1000
0000 1000
0000 1000
uuuu uuuu
TMR1
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
0000 1---
0000 1---
0000 1---
0000 1---
uuuu u---
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAPU
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
PAWK
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
CTRL0
-00- 0000
-00- 0000
-00- 0000
-00- 0000
-uu- uuuu
CTRL1
10-- 1010
10-- 1010
10-- 1010
10-- 1010
uu-- uuuu
PWM
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRL
x--- ----
x--- ----
x--- ----
x--- ----
u--- ----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
1--- -000
1--- -000
1--- -000
1--- -000
u--- -uuu
Note:
²*² means ²warm reset²
²-² not implemented
²u² means ²unchanged²
²x² means ²unknown²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com