Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R01 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
HT46R01/HT46R02/HT46R03
Rev. 1.00
20
September 21, 2007
Timer/Event Counters. Before the timers can be used, it
is essential that the appropriate Timer Control Register
is fully programmed with the right data to ensure its cor-
rect operation, a process that is normally carried out
during program initialisation.
To choose which of the three modes the timer is to oper-
ate in, either in the timer mode, the event counting mode
or the pulse width measurement mode, bits 7 and 6 of
the Timer Control Register, which are known as the bit
pair T0M1/T0M0 or T1M1/T1M0 respectively, depend-
ing upon which timer is used, must be set to the required
logic levels. The timer-on bit, which is bit 4 of the Timer
Control Register and known as T0ON or T1ON, depend-
ing upon which timer is used, provides the basic on/off
control of the respective timer. Setting the bit high allows
the counter to run, clearing the bit stops the counter. For
timers that have prescalers, bits 0~2 of the Timer Con-
trol Register determine the division ratio of the input
clock prescaler. The prescaler bit settings have no effect
if an external clock source is used. If the timer is in the
event count or pulse width measurement mode, the ac-
tive transition edge level type is selected by the logic
level of bit 3 of the Timer Control Register which is
known as T0E or T1E, depending upon which timer is
used.
Configuring the Timer Mode
In this mode, the timer can be utilized to measure fixed
time intervals, providing an internal interrupt signal each
time the counter overflows. To operate in this mode, the
bit pair, T0M1/T0M0 or T1M1/T1M0 depending upon
which timer is used, must be set to 1 and 0 respectively.
In this mode the internal clock is used as the timer clock.
Note that for Timer/Event Counter 0, the timer input
clock source is either fSYS or the RTC oscillator. How-
ever, this timer clock source is further divided by a
prescaler, the value of which is determined by the bits
T0PSC2~T0PSC0 in the Timer Control Register. For
Timer/Event Counter 1, the timer input clock source
fSYS/4 or the RTC oscillator. There is no prescaler func-
tion for Timer/Event Counter 1. The timer-on bit, T0ON
or T1ON, depending upon which timer is used, must be
set high to enable the timer to run. Each time an internal
clock high to low transition occurs, the timer increments
by one; when the timer is full and overflows, an interrupt
signal is generated and the timer will preload the value
already loaded into the preload register and continue
counting. A timer overflow condition and corresponding
internal interrupt is one of the wake-up sources, how-
ever, the internal interrupts can be disabled by ensuring
that the ET0I or ET1I bits of the INTC0 register are reset
to zero.
b 7
T 1 E
T 1 O N
T 1 M 0
T 1 M 1
b 0
T i m e r / E v e n t C o u n t e r C o n t r o l R e g i s t e r
T M R 1 C
H T 4 6 R 0 2 / H T 4 6 R 0 3
N o t i m p l e m e n t e d , r e a d a s " 0 "
E v e n t C o u n t e r a c t i v e e d g e s e l e c t
1 : c o u n t o n f a l l i n g e d g e
0 : c o u n t o n r i s i n g e d g e
P u l s e W i d t h M e a s u r e m e n t a c t i v e e d g e s e l e c t
1 : s t a r t c o u n t i n g o n r i s i n g e d g e , s t o p o n f a l l i n g e d g e
0 : s t a r t c o u n t i n g o n f a l l i n g e d g e , s t o p o n r i s i n g e d g e
T i m e r / E v e n t C o u n t e r c o u n t i n g e n a b l e
1 : e n a b l e
0 : d i s a b l e
T 0 M 1
0
0
1
1
T 0 M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e
t i m e r m o d e
p u l s e w i d t h m e a s u r e m e n t m o d e
O p e r a t i n g m o d e s e l e c t
T i m e r c l o c k s o u r c e
1 : R T C
0 : f S Y S / 4
T 1 S
I n c r e m e n t
T i m e r C o n t r o l l e r
P r e s c a l e r O u t p u t
T i m e r + 1
T i m e r + 2
T i m e r + N
T i m e r + N + 1
Timer Mode Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com