Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Pin Description
Pin Name
I/O
Configuration
Options
Description
PA0/AN0
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using the
wake-up register. Software instructions determine if the pin is a CMOS output
or a Schmitt trigger input. A pull-high resistor can be connected using the
pull-high register. PA0 is pin-shared with the AN0 input pin. The A/D input
function is selected via software instructions. If selected as an A/D input, the
I/O function and pull-high resistor functions are disabled automatically.
PA1/PFD/AN1
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using the
wake-up register. Software instructions determine if the pin is a CMOS output
or a Schmitt trigger input. A pull-high resistor can be connected using the
pull-high register. PA1 is pin-shared with the PFD output and the AN1 input
pin. The A/D input function is selected via software instructions. If selected as
an A/D input, the I/O function, PFD output and pull-high resistor functions are
disabled automatically. If the A/D function is not selected the PFD output or
I/O function selection is chosen via a bit in the CRTL0 register.
PA2/TMR0/AN2
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using the
wake-up register. Software instructions determine if the pin is a CMOS output
or a Schmitt trigger input. A pull-high resistor can be connected using the
pull-high register. PA2 is pin-shared with the TMR0 input and the AN2 input
pin. The A/D input function is selected via software instructions. If selected as
an A/D input, the I/O function, timer input and pull-high resistor functions are
disabled automatically.
PA3/INT/AN3
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using the
wake-up register. Software instructions determine if the pin is a CMOS output
or a Schmitt trigger input. A pull-high resistor can be connected using the
pull-high register. PA3 is pin-shared with the INT input and the AN3 input pin.
The A/D input function is selected via software instructions. If selected as an
A/D input, the I/O function, external interrupt input and pull-high resistor func-
tions are disabled automatically.
PA4/TMR1/PWM I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using the
wake-up register. Software instructions determine if the pin is a CMOS output
or a Schmitt trigger input. A pull-high resistor can be connected using the
pull-high register. On the HT46R01 devices, PA4 is pin-shared with the PWM
output pin, while on the HT46R02 and HT46R03 devices, the pin is shared
with both the TMR1 input and the PWM output pin. The PWM output or I/O
function selection is chosen via a bit in CTRL0 register.
PA6/OSC1
PA5/OSC2
I/O
RC, Crystal,
RTC or I/O
Bidirectional 2-line I/O. The pins can be setup as wake-up inputs using the
wake-up register. Software instructions determine if the pins are CMOS out-
puts or Schmitt trigger inputs. Pull-high resistors can be connected using the
pull-high register. Configuration options determine if the pins are to be used
as oscillator pins or I/O pins. Configuration options also determine which oscil-
lator mode is selected. The four oscillator modes are:
1. Internal RC OSC: both pins configured as I/Os
2. External crystal OSC: both pins configured as OSC1/OSC2
3. Internal RC + RTC OSC: both pins configured as OSC2, OSC1.
4. External RC OSC+PA5: PA6 configured as OSC1 pin, PA5 configured as
I/O
If the internal RC OSC is selected, the frequency will be fixed at either 4MHz,
8MHz or 12MHz, dependent upon which device is chosen.
PA7/RES
I
PA7 or RES
Active low Schmitt trigger reset input or PA7 input. A configuration option de-
termines which function is selected.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
Note:
1. Each pin on PA except PA7 can be programmed through a configuration option to have a wake-up function.
2. Each pin on PA except PA7 can be selected to have a pull-high resistor.
HT46R01/HT46R02/HT46R03
Rev. 1.00
3
September 21, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com