Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT46R01 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Application Circuits
HT46R01/HT46R02/HT46R03
Rev. 1.00
45
September 21, 2007
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the OTP Program Memory de-
vice during the programming process. During the development process, these options are selected using the HT-IDE
software development tools. As these options are programmed into the device using the hardware programming tools,
once they are selected they cannot be changed later by the application software. All options must be defined for proper
system function, the details of which are shown in the table.
No.
Options
1
Watchdog Timer: enable or disable
2
Watchdog Timer clock source: WDT internal oscillator, fSYS/4 or RTC
3
CLRWDT instructions: 1 or 2 instructions
4
System oscillator: Internal RC, Internal RC with external RTC, External Crystal, External RC
5
LVR function: enable or disable
6
LVR voltage: 2.1V, 3.15V or 4.2V
7
RES or PA7
8
SST: enable or disable
H T 4 6 R 0 1 / H T 4 6 R 0 2 / H T 4 6 R 0 3
O S C 1
O S C 2
C r y s t a l / R e s o n a t o r
S y s t e m O s c i l l a t o r
R 1
C 1
C 2
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 . 5 M W
V D D
R O S C
O S C 1
P A 5
4 7 0 p F
O S C C i r c u i t
R E S / P A 7
P A 0 / A N 0
P A 1 / P F D / A N 1
P A 2 / T M R 0 / A N 2
P A 3 / I N T / A N 3
P A 4 / T M R 1 / P W M
I n t e r n a l R C O s c i l l a t o r
+ E x t e r n a l R T C O S C
I n t e r n a l R C O s c i l l a t o r
P A 5 / P A 6 r e m a i n a s
I / O p i n s
P A 5
P A 6
O S C 1
1 0 p F
3 2 7 6 8 H z
O S C 2
F o r d e t a i l s r e g a r d i n g
C 1 , C 2 a n d R 1 s e e
O s c i l l a t o r S e c t i o n
O S C 1
O S C 2
O S C
C i r c u i t
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com