Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 62 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 62 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 58Page - STMicroelectronics M58PR001LE Datasheet HTML 59Page - STMicroelectronics M58PR001LE Datasheet HTML 60Page - STMicroelectronics M58PR001LE Datasheet HTML 61Page - STMicroelectronics M58PR001LE Datasheet HTML 62Page - STMicroelectronics M58PR001LE Datasheet HTML 63Page - STMicroelectronics M58PR001LE Datasheet HTML 64Page - STMicroelectronics M58PR001LE Datasheet HTML 65Page - STMicroelectronics M58PR001LE Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 119 page
background image
Dual operations and multiple bank architecture
M58PR256LE, M58PR512LE, M58PR001LE
62/119
Table 20.
Dual operations allowed in same bank
Status of
bank
Commands allowed in same bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Read
EFA
Program,
Buffer
Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
–(1)
1.
The Read Array command is accepted but the data output is not guaranteed until the program or erase has
completed.
Yes
Yes
Yes
Yes
–
–
Yes
–
Erasing
–(1)
Yes
Yes
Yes
Yes
–
–
Yes
–
Program
suspended
Yes(2)
2.
Not allowed in the block that is being erased or in the program region that is being programmed.
Yes
Yes
Yes
Yes
–
–
–
Yes
Erase
suspended
Yes(2)
Yes
Yes
Yes
Yes
Yes(1)
––
Yes
Table 21.
Dual operation limitations
OTP, EFA or CFI
data
Main array
bank
Comments
Read
Program/erase
While programming or erasing in a main array bank, the OTP,
CFI data and EFA blocks may be read from any other bank.
Program
Read
While programming to the OTP area, read operations are only
allowed in the other main array banks. Access to EFA data or
CFI data is not allowed.
Program/erase
Read
While programming or erasing an EFA block, it is not allowed to
read OTP or CFI data. Read operations to the banks whose
addresses are not being used to address the EFA, are
supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com