Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 48 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 44Page - STMicroelectronics M58PR001LE Datasheet HTML 45Page - STMicroelectronics M58PR001LE Datasheet HTML 46Page - STMicroelectronics M58PR001LE Datasheet HTML 47Page - STMicroelectronics M58PR001LE Datasheet HTML 48Page - STMicroelectronics M58PR001LE Datasheet HTML 49Page - STMicroelectronics M58PR001LE Datasheet HTML 50Page - STMicroelectronics M58PR001LE Datasheet HTML 51Page - STMicroelectronics M58PR001LE Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 119 page
background image
Status Register
M58PR256LE, M58PR512LE, M58PR001LE
48/119
6.5
Erase status bit (SR5)
The erase status bit identifies if there is an error during a block erase operation.
When:
●
SR5 = 0, no error occurred.
●
SR5 = 1, the Program/Erase Controller applied the maximum number of pulses to the
block or bank and still failed to verify that it has erased correctly.
The erase status bit should be read once the Program/Erase Controller Status bit is set to ’1’
(Program/Erase Controller inactive). Once set, the erase status bit must be cleared by a
Clear Status Register command or a hardware reset. This must be done before a new erase
command is issued, otherwise the new command appears to fail.
6.6
Program status bit (SR4)
The program status bit identifies if there is an error during a program operation.
The program status bit should be read once the Program/Erase Controller status bit is set to
‘1’ (Program/Erase Controller inactive).
When:
●
SR4 = 0, no error occurred.
●
SR4 = 1, the Program/Erase Controller applied the maximum number of pulses to the
word and still failed to verify that it programmed correctly.
Attempting to program a '1' to an already programmed bit while VPP = VPPH also sets the
program status bit to ’1’. If VPP is different from VPPH, SR4 remains set to '0' and the attempt
is not shown.
Once set to '1', the program status bit must be cleared by a Clear Status Register command
or a hardware reset. This must be done before a new program command is issued,
otherwise the new command appears to fail.
6.7
VPP status bit (SR3)
The VPP status bit identifies an invalid voltage on the VPP pin during program and erase
operations. The VPP pin is only sampled at the beginning of a program or erase operation.
Program and erase operations are not guaranteed if VPP becomes invalid during an
operation.
When:
●
SR3 = 0, the voltage on the VPP pin is sampled at a valid voltage.
●
SR3 = 1, the VPP pin has a voltage that is below the VPP lockout voltage, VPPLK, the
memory is protected, and program and erase operations cannot be performed.
Once set to ‘1’, the VPP status bit must be cleared by a Clear Status Register command or a
hardware reset. This must be done before a new program or erase command is issued,
otherwise the new command appears to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com