Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 93 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 93 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 89Page - STMicroelectronics M58PR001LE Datasheet HTML 90Page - STMicroelectronics M58PR001LE Datasheet HTML 91Page - STMicroelectronics M58PR001LE Datasheet HTML 92Page - STMicroelectronics M58PR001LE Datasheet HTML 93Page - STMicroelectronics M58PR001LE Datasheet HTML 94Page - STMicroelectronics M58PR001LE Datasheet HTML 95Page - STMicroelectronics M58PR001LE Datasheet HTML 96Page - STMicroelectronics M58PR001LE Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Common Flash interface
93/119
Table 43.
CFI query identification string
Offset
Sub-section name
Description
Value
000h
0020h
Manufacturer code
ST
001h
8818h
8819h
880Fh
Device code
M58PR256LE
M58PR512LE
M58PR001LE
256 Mbits
512 Mbits
1Gbit
002h-
00Fh
Reserved
Reserved
010h
0051h
Query unique ASCII string "QRY"
"Q"
011h
0052h
"R"
012h
0059h
"Y"
013h
0000h
Primary algorithm command set and control interface
ID code 16 bit ID code defining a specific algorithm
014h
0002h
015h
offset = P = 000Ah
Address for primary algorithm extended query table
(see Table 46)
P = 10Ah
016h
0001h
017h
0000h
Alternate vendor command set and control interface
ID code second vendor - specified algorithm
supported
NA
018h
0000h
019h
value = A = 0000h
Address for alternate algorithm extended query table
NA
01Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com