Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 10 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 6Page - STMicroelectronics M58PR001LE Datasheet HTML 7Page - STMicroelectronics M58PR001LE Datasheet HTML 8Page - STMicroelectronics M58PR001LE Datasheet HTML 9Page - STMicroelectronics M58PR001LE Datasheet HTML 10Page - STMicroelectronics M58PR001LE Datasheet HTML 11Page - STMicroelectronics M58PR001LE Datasheet HTML 12Page - STMicroelectronics M58PR001LE Datasheet HTML 13Page - STMicroelectronics M58PR001LE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 119 page
background image
Description
M58PR256LE, M58PR512LE, M58PR001LE
10/119
The DPD (deep power-down) mode starts when the device is properly configured (ECR bit
15 is set) and the DPD signal is asserted. In DPD mode the device has the lowest power
consumption.
The M58PRxxxLE features an instant, individual block locking scheme that allows any block
to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually
preventing any accidental programming or erasure. There is an additional hardware
protection against program and erase. When VPP ≤ VPPLK all blocks are protected against
program or erase. All blocks are locked at power-up.
In addition to the main memory array, the M58PRxxxLE features an extended flash array
(EFA) divided into 4 blocks of 64 Kbits each.
The EFA blocks are accessed through a separate set of commands. The operations
available in the EFA blocks are asynchronous read (in non-page mode), single word
program, erase and block locking. See Section 4: Command interface for details of the EFA
commands set.
See Table 5 for an extended flash array memory map. Table 19 and Table 20 describe the
simultaneous operations allowed in the EFA blocks and the main memory array.
The device includes 17 protection registers and 2 protection register locks, one for the first
protection register and the other for the 16 OTP (one-time-programmable) protection
registers of 128 bits each. The first protection register is divided into two areas: a 64-bit area
containing a unique device number written by ST, and a 64-bit area one-time-programmable
by the user. The user programmable area can be permanently protected. Figure 4, shows
the Protection Register memory map.
The memory is supplied with all the bits erased (set to ’1’).
Note:
The M58PRxxxLE memories are only available as part of a MCP (multichip package)
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com