Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 75 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 75 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 71Page - STMicroelectronics M58PR001LE Datasheet HTML 72Page - STMicroelectronics M58PR001LE Datasheet HTML 73Page - STMicroelectronics M58PR001LE Datasheet HTML 74Page - STMicroelectronics M58PR001LE Datasheet HTML 75Page - STMicroelectronics M58PR001LE Datasheet HTML 76Page - STMicroelectronics M58PR001LE Datasheet HTML 77Page - STMicroelectronics M58PR001LE Datasheet HTML 78Page - STMicroelectronics M58PR001LE Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
DC and AC parameters
75/119
Table 29.
Asynchronous read AC characteristics
Symbol
Alt
Parameter
108 MHz 66 MHz Unit
tAVAV
tRC
Address Valid to Next Address Valid
Min
96
96
ns
tAVQV
tACC
Address Valid to Output Valid (random)
Max
96
96
ns
tAVQV1
tPAGE
Address Valid to Output Valid (page)
Max
20
25
ns
tAXQX
(1)
1.
Sampled only, not 100% tested.
tOH
Address Transition to Output transition
Min
0
0
ns
tELTV
Chip Enable Low to Wait Valid
Max
14
14
ns
tELQV
(2)
2.
G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
tCE
Chip Enable Low to Output Valid
Max
96
96
ns
tELQX
(1)
tLZ
Chip Enable Low to Output transition
Min
0
0
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
9
14
ns
tEHQX
(1)
tOH
Chip Enable High to Output transition
Min
0
0
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
Max
9
14
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
Max
20
20
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output transition
Min
0
0
ns
tGLTV
Output Enable Low to Wait Valid
Max
7
11
ns
tGHQX
(1)
tOH
Output Enable High to Output transition
Min
0
0
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
Max
9
14
ns
tGHTZ
Output Enable High to Wait Hi-Z
Max
9
17
ns
tAVLH
tAVADVH Address Valid to Latch Enable High
Min
5
5
ns
tELLH
tELADVH Chip Enable Low to Latch Enable High
Min
9
10
ns
tLHAX
tADVHAX Latch Enable High to Address transition
Min
5
5
ns
tLLLH
tADVLADVH Latch Enable Pulse width
Min
7
7
ns
tLLQV
tADVLQV
Latch Enable Low to Output Valid
(random)
Max
96
96
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com