Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 7Page - STMicroelectronics M58PR001LE Datasheet HTML 8Page - STMicroelectronics M58PR001LE Datasheet HTML 9Page - STMicroelectronics M58PR001LE Datasheet HTML 10Page - STMicroelectronics M58PR001LE Datasheet HTML 11Page - STMicroelectronics M58PR001LE Datasheet HTML 12Page - STMicroelectronics M58PR001LE Datasheet HTML 13Page - STMicroelectronics M58PR001LE Datasheet HTML 14Page - STMicroelectronics M58PR001LE Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Description
11/119
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
A0-Amax(1)
1.
Amax is equal to A23 in the M58PR256LE, to A24 in the M58PR512LE, and to A25 in the M58PR001LE.
Address inputs
Inputs
DQ0-DQ15
Data input/outputs, command inputs
I/O
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset
Input
WP
Write Protect
Input
K
Clock
Input
L
Latch Enable
Input
WAIT
Wait
Output
DPD
Deep power-down
Input
VDD
Supply voltage
VDDQ
Supply voltage for input/output buffers
VPP
Optional supply voltage for fast program and erase
VSS
Ground
VSSQ
Ground input/output supply
AI12816b
A0-Amax
W
DQ0-DQ15
VDD
M58PR256LE
M58PR512LE
M58PR001LE
E
VSS
16
G
RP
WP
VDDQ VPP
L
K
WAIT
VSSQ
DPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com