Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 82 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 82 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 78Page - STMicroelectronics M58PR001LE Datasheet HTML 79Page - STMicroelectronics M58PR001LE Datasheet HTML 80Page - STMicroelectronics M58PR001LE Datasheet HTML 81Page - STMicroelectronics M58PR001LE Datasheet HTML 82Page - STMicroelectronics M58PR001LE Datasheet HTML 83Page - STMicroelectronics M58PR001LE Datasheet HTML 84Page - STMicroelectronics M58PR001LE Datasheet HTML 85Page - STMicroelectronics M58PR001LE Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 119 page
background image
DC and AC parameters
M58PR256LE, M58PR512LE, M58PR001LE
82/119
Table 32.
Write AC characteristics, Chip Enable controlled(1)
1.
Sampled only, not 100% tested.
Symbol
Alt
Parameter
108 MHz 66 MHz
Unit
tAVAV
tWC Address Valid to Next Address Valid
Min
96
96
ns
tAVEH
tWC Address Valid to Chip Enable High
Min
40
45
ns
tAVLH
Address Valid to Latch Enable High
Min
5
5
ns
tDVEH
tDS
Data Valid to Chip Enable High
Min
40
40
ns
tEHAX
tAH
Chip Enable High to Address transition
Min
0
0
ns
tEHDX
tDH
Chip Enable High to Input transition
Min
0
0
ns
tEHEL
tCPH Chip Enable High to Chip Enable Low
Min
20
20
ns
tEHGL
Chip Enable High to Output Enable Low
Min
0
0
ns
tEHWH
tCH
Chip Enable High to Write Enable High
Min
0
0
ns
tELKH
Chip Enable Low to Clock High
Min
5
5
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
40
45
ns
tELLH
Chip Enable Low to Latch Enable High
Min
9
10
ns
tELQV
Chip Enable Low to Output Valid
Min
96
96
ns
tGHEL
Output Enable High to Chip Enable Low
Min
14
17
ns
tLHAX
Latch Enable High to Address transition
Min
5
5
ns
tLLLH
Latch Enable Pulse width
Min
7
7
ns
tWHEL
(2)
2.
tWHEL has this value when reading in the targeted bank or when reading after a Set Configuration Register
command. System designers should take this into account and may insert a software No-Op instruction to
delay the first read in the same bank after issuing any command and to delay the first read to any address
after issuing a Set Configuration Register command. If the first read after the command is a Read Array
operation in a different bank and no changes to the Configuration Register have been issued, tWHEL is
0ns.
Write Enable High to Chip Enable Low
Min
20
20
ns
tWHQV
Write Enable High to Output Valid
Min
116
116
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
0
ns
tEHVPL
Chip Enable High to VPP Low
Min
200
200
ns
tEHWPL
Chip Enable High to Write Protect Low
Min
200
200
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
0
ns
tQVWPL
Output (Status Register) Valid to Write
Protect Low
Min
0
0
ns
tVPHEH
tVPS VPP High to Chip Enable High
Min
200
200
ns
tWPHEH
Write Protect High to Chip Enable High
Min
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com