Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 23Page - STMicroelectronics M58PR001LE Datasheet HTML 24Page - STMicroelectronics M58PR001LE Datasheet HTML 25Page - STMicroelectronics M58PR001LE Datasheet HTML 26Page - STMicroelectronics M58PR001LE Datasheet HTML 27Page - STMicroelectronics M58PR001LE Datasheet HTML 28Page - STMicroelectronics M58PR001LE Datasheet HTML 29Page - STMicroelectronics M58PR001LE Datasheet HTML 30Page - STMicroelectronics M58PR001LE Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Command interface
27/119
4.9
Buffer Enhanced Factory Program command
The Buffer Enhanced Factory Program command has been specially developed to speed up
programming in manufacturing environments where programming time is critical.
This command programs one or more write buffer(s) of 1 Kb to an aligned 1 Kb program
region. Once the device enters buffer enhanced factory program mode, the write buffer can
be reloaded any number of times as long as the address remains within the same main
array block. Only one block can be programmed at a time.
When programming a program region configured in control program mode with the Buffer
Enhanced Factory Program command, the ’B’ half segment addresses (A3 = 1) should not
contain ’0’ values. When writing to a program region configured in object program mode, the
B half may contain some ’0’ values.
If the number of bytes to program is less than 1 Kbyte, the remaining addresses must be
filled with FFFFh.
The use of the Buffer Enhanced Factory Program command requires the following operating
conditions:
●
VPP must be set to VPPH
●
VDD must be within operating range
●
Ambient temperature TA must be 30 °C ± 10 °C
●
The targeted block must be unlocked
●
The start address must be aligned with the start of a 1 Kb buffer boundary
●
The address must remain the start address throughout programming.
Dual operations are not supported during the Buffer Enhanced Factory Program operation,
and the command cannot be suspended.
The Buffer Enhanced Factory command programs one block at a time. All data to be
programmed must be contained in a single block. If the internal address counter is
incremented beyond the highest block address, addressing wraps around to the beginning
of the block.
The Buffer Enhanced Factory Program command consists of three phases: the setup
phase, the program and verify phase, and the exit phase (please refer to Table 9: Factory
Program command for detailed information).
4.9.1
Setup phase
The Buffer Enhanced Factory Program command requires two bus write cycles to initiate the
command.
●
The first bus write cycle sets up the Buffer Enhanced Factory Program command.
●
The second bus write cycle confirms the command.
After the confirm command is issued, read operations output the contents of the Status
Register. The Read Status Register command must not be issued or it is interpreted as data
to program.
The Status Register P/EC bit SR7 should be read to check that the P/EC is ready to
proceed to the next phase. If an error is detected, SR4 goes high (set to ‘1’) and the buffer
enhanced factory program operation is terminated. See Chapter 6: Status Register for
details on the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com