Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 41 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 37Page - STMicroelectronics M58PR001LE Datasheet HTML 38Page - STMicroelectronics M58PR001LE Datasheet HTML 39Page - STMicroelectronics M58PR001LE Datasheet HTML 40Page - STMicroelectronics M58PR001LE Datasheet HTML 41Page - STMicroelectronics M58PR001LE Datasheet HTML 42Page - STMicroelectronics M58PR001LE Datasheet HTML 43Page - STMicroelectronics M58PR001LE Datasheet HTML 44Page - STMicroelectronics M58PR001LE Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Program operations
41/119
5
Program operations
The M58PR256LE, M58PR512LE and M58PR001LE have innovative features specially
developed to improve the storage flexibility and efficiency of NOR Flash memory arrays.
Data and code can be stored more efficiently by using the right combination of program
methods and program modes.
There are two types of program methods that use commands that consist of one or more
sequential bus write operations interpreted by the command interface:
●
Single word program method, which uses the Program command.
●
Buffered program method, which uses either the Buffer Program command or the
Buffer Enhanced Factory Program command.
There are two program modes:
●
Control program mode
●
Object program mode.
The control program mode supports the two program methods, whereas the object program
mode only supports the buffered program method.
This new logical organization of program operations is made possible by the device
architecture, and, in particular, by the new concept of program regions.
5.1
Program regions
Each Flash memory block is divided into 256 program regions (see Figure 5: Program
regions configured in control or object program mode). Erase operations have a block
granularity, whereas program operations have a program region granularity.
The user can configure each program region to be programmed either in the control
program mode or in the object program mode. A given block can contain program regions
configured in the control program mode and others configured in the object program mode.
Special care should be taken when selecting the programming mode for the program
regions because once the program regions are configured, their program mode cannot be
changed until the entire block is erased.
Each program region is split into 32 segments of 32 bytes and each segment is subdivided
into two halves, ’A’ and ’B’. Address bit A3 determines whether a bit belongs to the ’A’ half
(A3 = 0) or to the ’B’ half (A3 = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com