Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 84 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 84 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 80Page - STMicroelectronics M58PR001LE Datasheet HTML 81Page - STMicroelectronics M58PR001LE Datasheet HTML 82Page - STMicroelectronics M58PR001LE Datasheet HTML 83Page - STMicroelectronics M58PR001LE Datasheet HTML 84Page - STMicroelectronics M58PR001LE Datasheet HTML 85Page - STMicroelectronics M58PR001LE Datasheet HTML 86Page - STMicroelectronics M58PR001LE Datasheet HTML 87Page - STMicroelectronics M58PR001LE Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 119 page
background image
DC and AC parameters
M58PR256LE, M58PR512LE, M58PR001LE
84/119
Figure 18.
Deep power-down AC waveforms
Figure 19.
Reset during deep power-down AC waveforms
Table 34.
Deep power-down AC characteristics
Symbol
Parameter
Test condition
108 MHz/66 MHz
Unit
tDPLDPH
Deep power-down asserted to
Deep power-down de-asserted
Min
50
ns
tEHDPL
Chip Enable Low to deep power-
down asserted
Min
0
µs
tDPHEL
Deep power-down de-asserted
to Chip Enable Low
Min
75
µs
tPHEL
Reset High to Chip Enable Low
During deep
power-down
Min
75
µs
Ai11625
DPD
E
tEHDPL
tDPHEL
tDPLDPH
Ai11626
DPD
E
tEHDPL
tPHEL
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com