Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 4 Page - Semtech Corporation

  SC411 Datasheet HTML 1Page - Semtech Corporation SC411 Datasheet HTML 2Page - Semtech Corporation SC411 Datasheet HTML 3Page - Semtech Corporation SC411 Datasheet HTML 4Page - Semtech Corporation SC411 Datasheet HTML 5Page - Semtech Corporation SC411 Datasheet HTML 6Page - Semtech Corporation SC411 Datasheet HTML 7Page - Semtech Corporation SC411 Datasheet HTML 8Page - Semtech Corporation SC411 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Parameter
Conditions
25°C
-40°C to 125°C
Units
Min
Typ
Max
Min
Max
Current Limit (Positive)(2)
(PGND - LX), R
ILIM = 5kΩ
50
35
65
mV
(PGND - LX), R
ILIM = 10kΩ
100
80
120
mV
(PGND - LX), R
ILIM = 20kΩ
200
170
230
mV
Fault Protection (Cont.)
Current Limit (Negative)
(PGND - LX)
-125
-160
-90
mV
Output Under-Voltage Fault
With respect to internal ref.
-30
-40
-25
%
Output Over-Voltage Fault
With respect to internal ref.
+16
+12
+20
%
Over-Voltage Fault Delay
FB forced above
OV Threshold
5
μs
PGD Low Output Voltage
Sink 1mA
0.4
V
PGD Leakage Current
FB in regulation,
PGD = 5V
1
μA
PGD UV Threshold
With respect to internal ref.
-10
-12
-8
%
PGD Fault Delay
FB forced outside
PGD window
5
μs
VCCA
Under-Voltage Threshold
Falling
(100mV Hysteresis)
4.0
3.7
4.3
V
Over-Temperature Lockout
10°C Hysteresis
165
°C
Inputs/Outputs
Logic Input Low Voltage
EN/PSV Low
1.2
V
Logic Input High Voltage
EN High,
PSV Low (Floating)
2.0
V
Logic Input High Voltage
EN/PSV High
3.1
V
EN/PSV Input Resistance
R Pullup to VCCA
1.5
MΩ
R Pulldown to VSSA
1.0
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com