Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 15Page - Semtech Corporation SC411 Datasheet HTML 16Page - Semtech Corporation SC411 Datasheet HTML 17Page - Semtech Corporation SC411 Datasheet HTML 18Page - Semtech Corporation SC411 Datasheet HTML 19Page - Semtech Corporation SC411 Datasheet HTML 20Page - Semtech Corporation SC411 Datasheet HTML 21Page - Semtech Corporation SC411 Datasheet HTML 22Page - Semtech Corporation SC411 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
As shown below, VOUT should be routed away from noisy traces (such as BST, DH, DL and LX) and in a quiet layer (if
possible) to the output capacitor(s).
Figure 7: VOUT Sense Trace Routing
Next, the schematic in Figure 8 below shows the power section. The highest di/dts occur in the input loop (highlight-
ed in red) and thus this loop should be kept as small as possible.
Figure 8: Power Section and Input Loop
The input capacitors should be placed with the highest frequency capacitors closest to the loop to reduce EMI. Use
large copper pours to minimize losses and parasitics. See Figure 9 for an example.
VOUT
+
C6
220u/25m
VOUT
VOUT
1
VCCA
2
FB
3
PGD
4
VDDP
9
ILIM
10
LX
11
DH
12
U1
SC411
C5
56p
0402
0402
0402
+
C7
220u/25m
7343
7343
R3
20k0
R5
14k3
Q1
IR F 7 81 1A V
C2
2n 2/50 V
VBAT
L1
2u 2
+
C6
220 u/2 5 m
VO U T
Q2
F D S 6 67 6S
C3
0u1 /25V
04 02
060 3
C4
1 0u/2 5 V
1 210
+
C7
2 20u /25 m
734 3
7 343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com