Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 3Page - Semtech Corporation SC411 Datasheet HTML 4Page - Semtech Corporation SC411 Datasheet HTML 5Page - Semtech Corporation SC411 Datasheet HTML 6Page - Semtech Corporation SC411 Datasheet HTML 7Page - Semtech Corporation SC411 Datasheet HTML 8Page - Semtech Corporation SC411 Datasheet HTML 9Page - Semtech Corporation SC411 Datasheet HTML 10Page - Semtech Corporation SC411 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Device
Package(1)
SC411MLTRT(2)
MLPQ-16
SC411EVB
Evaluation Board
Notes:
1) Only available in tape and reel packaging. A reel contains 3000
devices.
(2) Lead free product. This product is fully WEEE, RoHS and
J-STD-020B compliant.
Pin #
Pin Name
Pin Function
1
VOUT
Output voltage sense input. Connect to the output at the load.
2
VCCA
Supply voltage input for the analog supply. Use a 10Ω /1μF RC filter from 5VSUS to VSSA.
3FB
Feedback input. Connect to a resistor divider located at the IC from VOUT to VSSA to
set the output voltage from 0.5V to VCCA.
4
PGD
Power Good open drain NMOS output. Goes high after a fixed clock cycle delay
(440 cycles) following power up.
5
NC
Not Connected.
6
VSSA
Ground reference for analog circuitry. Connect directly to thermal pad.
7
PGND
Power ground. Connect directly to thermal pad.
8
DL
Gate drive output for the low side MOSFET switch.
9
VDDP
+5V supply voltage input for the gate drivers. Decouple this pin with a 1μF ceramic
capacitor to PGND.
10
ILIM
Current limit input. Connect to drain of low-side MOSFET for RDS(on) sensing or the
source for resistor sensing through a threshold sensing resistor.
11
LX
Phase node (junction of top and bottom MOSFETs and the output inductor) connection.
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
5678
MLPQ16: 4X4 BODY
T
DH
LX
ILIM
VDDP
VOUT
VCCA
FB
PGD
Pin Configuration
Ordering Information
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com