Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 18Page - Semtech Corporation SC411 Datasheet HTML 19Page - Semtech Corporation SC411 Datasheet HTML 20Page - Semtech Corporation SC411 Datasheet HTML 21Page - Semtech Corporation SC411 Datasheet HTML 22Page - Semtech Corporation SC411 Datasheet HTML 23Page - Semtech Corporation SC411 Datasheet HTML 24Page - Semtech Corporation SC411 Datasheet HTML 25Page - Semtech Corporation SC411 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
1.2V Efficiency (Power Save Mode)
(High Efficiency Design, Page 21)
Typical Characteristics
1.2V Output Voltage (Power Save Mode)
vs. Output Current vs. Input Voltage
1.2V Switching Frequency (Power Save Mode)
vs. Output Current vs. Input Voltage
1.2V Efficiency (Continuous Conduction Mode)
(High Efficiency Design, Page 21)
1.2V Output Voltage (Continuous Conduction Mode)
vs. Output Current vs. Input Voltage
1.2V Switching Frequency (Continuous Conduction
Mode) vs. Output Current vs. Input Voltage
1.180
1.184
1.188
1.192
1.196
1.200
1.204
1.208
1.212
1.216
1.220
012
3456
IOUT (A)
VBAT = 20V
VBAT = 8V
1.180
1.184
1.188
1.192
1.196
1.200
1.204
1.208
1.212
1.216
1.220
012
3456
IOUT (A)
VBAT = 20V
VBAT = 8V
0
50
100
150
200
250
300
350
400
0123456
IOUT (A)
VBAT = 20V
VBAT = 8V
0
50
100
150
200
250
300
350
400
0123456
IOUT (A)
VBAT = 20V
VBAT = 8V
50
55
60
65
70
75
80
85
90
95
100
01
2345
678
9
10
IOUT (A)
VBAT = 20V
VBAT = 8V
50
55
60
65
70
75
80
85
90
95
100
01
2345
678
9
10
IOUT (A)
VBAT = 8V
VBAT = 20V
For efficiency charts, refer to High Efficiency Design, Figure 11 on page 21.
For all other data, refer to the Reference Design, Figure 4 on Page 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com