Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 6Page - Semtech Corporation SC411 Datasheet HTML 7Page - Semtech Corporation SC411 Datasheet HTML 8Page - Semtech Corporation SC411 Datasheet HTML 9Page - Semtech Corporation SC411 Datasheet HTML 10Page - Semtech Corporation SC411 Datasheet HTML 11Page - Semtech Corporation SC411 Datasheet HTML 12Page - Semtech Corporation SC411 Datasheet HTML 13Page - Semtech Corporation SC411 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Application Information (Cont.)
Output Voltage Selection
The output voltage is set by the feedback resistors R3 &
R5 of Figure 2 below. The internal reference is 1.5V, so
the voltage at the feedback pin is multiplied by three to
match the 1.5V reference. Therefore the output can be
set to a minimum of 0.5V. The equation for setting the
output voltage is:
R3
V
OUT = ( 1 + ――― ) • 0.5
R5
Figure 2: Setting The Output Voltage
Current Limit Circuit
Current limiting of the SC411 can be accomplished in two
ways. The on-state resistance of the low-side MOSFET
can be used as the current sensing element or sense
resistors in series with the low-side source can be used
if greater accuracy is desired. R
DS(ON) sensing is more ef-
ficient and less expensive. In both cases, the R
ILIM resis-
tor between the ILIM pin and LX pin sets the over current
threshold. This resistor RILIM is connected to a 10μA cur-
rent source within the SC411 which is turned on when
the low side MOSFET turns on. When the voltage drop
across the sense resistor or low side MOSFET equals the
voltage across the RILIM resistor, positive current limit
will activate. The high side MOSFET will not be turned on
until the voltage drop across the sense element (resistor
or MOSFET) falls below the voltage across the R
ILIM resis-
tor. In an extreme over-current situation, the top MOSFET
will never turn back on and eventually the part will latch
off due to output under-voltage (see Output Under-voltage
Protection).
The current sensing circuit actually regulates the induc-
tor valley current (see Figure 3). This means that if the
current limit is set to 10A, the peak current through the
inductor would be 10A plus the peak ripple current, and
the average current through the inductor would be 10A
plus 1/2 the peak-to-peak ripple current. The equations
for setting the valley current and calculating the average
current through the inductor are shown below:
Figure 3: Valley Current Limiting
The equation for the current limit threshold is as follows:
I
LIMIT
= 10μA × R
ILIM
/ R
SENSE
(Amps)
Where (referring to Figure 4 on Page 17) R
ILIM is R4 and
R
SENSE is the RDS(ON) of Q2.
For resistor sensing, a sense resistor is placed between
the source of Q2 and PGND. The current through the
source sense resistor develops a voltage that opposes the
voltage developed across R
ILIM.
When the voltage devel-
oped across the R
SENSE resistor reaches the voltage drop
across R
ILIM, a positive over-current exists and the high
side MOSFET will not be allowed to turn on. When using
an external sense resistor R
SENSE is the resistance of the
sense resistor.
VOUT
VOUT
1
VCCA
2
FB
3
PGD
4
VDDP
9
ILIM
10
LX
11
DH
12
U1
SC411
C5
56p
0402
0402
0402
R3
20k0
R5
14k3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com