Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 5Page - Semtech Corporation SC411 Datasheet HTML 6Page - Semtech Corporation SC411 Datasheet HTML 7Page - Semtech Corporation SC411 Datasheet HTML 8Page - Semtech Corporation SC411 Datasheet HTML 9Page - Semtech Corporation SC411 Datasheet HTML 10Page - Semtech Corporation SC411 Datasheet HTML 11Page - Semtech Corporation SC411 Datasheet HTML 12Page - Semtech Corporation SC411 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
+5V Bias Supplies
The SC411 requires an external +5V bias supply in addi-
tion to the battery. If stand-alone capability is required,
the +5V supply can be generated with an external linear
regulator such as the Semtech LP2951.
For optimal operation, the controller has its own ground
reference, VSSA, which should be tied along with PGND
directly to the thermal pad under the part, which in turn
should connect to the ground plane using multiple vias.
All external components referenced to VSSA in the Typical
Application Circuit on Page 1 located near their respec-
tive pins. Supply decoupling capacitors should be located
adjacent to their respective pins. A 10Ω resistor should
be used to decouple VCCA from the main VDDP supply. All
ground connections are connected directly to the ground
plane as mentioned above. VSSA and PGND should be
starred at the thermal pad. The VDDP input provides
power to the upper and lower gate drivers; a decoupling
capacitor is required. No series resistor between VDDP
and 5V is required. See Layout Guidelines on page 17 for
more details.
Pseudo-Fixed Frequency Constant On-Time PWM
Controller
The PWM control architecture consists of a constant on-
time, pseudo fixed frequency PWM controller (Block Dia-
gram, Page 6). The output ripple voltage developed across
the output filter capacitor’s ESR provides the PWM ramp
signal eliminating the need for a current sense resistor.
The high-side switch on-time is determined by a one-shot
whose period is directly proportional to output voltage and
inversely proportional to input voltage. A second one-shot
sets the minimum off-time which is typically 400ns.
On-Time One-Shot (t
ON)
The on-time one-shot comparator has two inputs. One
input looks at the output voltage, while the other input
samples the input voltage and converts it to a current.
This input voltage-proportional current is used to charge
an internal on-time capacitor. The on-time is the time re-
quired for the voltage on this capacitor to charge from zero
volts to VOUT, thereby making the on-time of the high-side
switch directly proportional to output voltage and inversely
proportional to input voltage. This implementation results
in a nearly constant switching frequency without the need
for a clock generator.
For VOUT < 3.3V:
ns
50
V
V
)
10
x
37
R
(
10
x
3
.
3
t
BAT
OUT
3
TON
12
ON
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
•
+
•
=
−
For 3.3V ≤ VOUT ≤ 5V:
R
TON is a resistor connected from the input supply (VBAT)
to the TON pin. Due to the high impedance of this resistor,
the TON pin should always be bypassed to VSSA using a
1nF ceramic capacitor.
EN/PSV: Enable, PSAVE and Soft Discharge
The EN/PSV pin enables the supply. When EN/PSV is
tied to VCCA the controller is enabled and power save will
also be enabled. When the EN/PSV pin is tri-stated, an
internal pull-up will activate the controller and power save
will be disabled. If PSAVE is enabled, the SC411 PSAVE
comparator will look for the inductor current to cross zero
on eight consecutive switching cycles by comparing the
phase node (LX) to PGND. Once observed, the controller
will enter power save and turn off the low side MOSFET
when the current crosses zero. To improve light-load ef-
ficiency and add hysteresis, the on-time is increased by
50% in power save. The efficiency improvement at light-
loads more than offsets the disadvantage of slightly high-
er output ripple. If the inductor current does not cross
zero on any switching cycle, the controller will immediately
exit power save. Since the controller counts zero cross-
ings, the converter can sink current as long as the cur-
rent does not cross zero on eight consecutive cycles. This
allows the output voltage to recover quickly in response
to negative load steps even when PSAVE is enabled. If
the EN/PSV pin is pulled low, the related output will be
shut down and discharged using a switch with a nominal
resistance of 22 Ohms. This will ensure that the output is
in a defined state next time it is enabled and also ensure,
since this is a soft discharge, that there are no danger-
ous negative voltage excursions to be concerned about. In
order for the soft discharge circuitry to function correctly,
the chip supply must be present.
ns
50
V
V
)
10
x
37
R
(
10
x
3
.
3
85
.
0
t
BAT
OUT
3
TON
12
ON
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
•
+
•
•
=
−
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com