Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 11Page - Semtech Corporation SC411 Datasheet HTML 12Page - Semtech Corporation SC411 Datasheet HTML 13Page - Semtech Corporation SC411 Datasheet HTML 14Page - Semtech Corporation SC411 Datasheet HTML 15Page - Semtech Corporation SC411 Datasheet HTML 16Page - Semtech Corporation SC411 Datasheet HTML 17Page - Semtech Corporation SC411 Datasheet HTML 18Page - Semtech Corporation SC411 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Where TOL
TR is the transient tolerance. For our example:
POSLIM
TR = 1.296V
The minimum output capacitance is calculated as
follows:
This calculation assumes the absolute worst case condi-
tion of a full-load to no load step transient occurring when
the inductor current is at its highest. The capacitance
required for smaller transient steps may be calculated by
substituting the desired current for the I
OUT term.
For our example:
C
OUT(MIN) = 626μF.
We will select 440μF, using two 220μF, 25mΩ capacitors
in parallel. For smaller load release overshoot, 660μF
may be used. Alternatively, one 15mΩ or 12mΩ, 220μF,
330μF or 470μF capacitor may be used (with the appro-
priate change to the calculation for C
TOP), depending upon
the load transient requirements.
Next we calculate the RMS input ripple current, which is
largest at the minimum battery voltage:
()
RMS
MIN
_
BAT
OUT
OUT
)
MIN
(
BAT
OUT
)
RMS
(
IN
A
V
I
V
V
V
I
•
−
•
=
For our example:
I
IN(RMS) = 2.14ARMS
Input capacitors should be selected with sufficient ripple
current rating for this RMS current, for example a 10μF,
1210 size, 25V ceramic capacitor can handle approxi-
mately 3A
RMS.
Refer to manufacturer’s data sheets and
derate appropriately.
Finally, we calculate the current limit resistor value. As
described in the current limit section, the current limit
looks at the “valley current”, which is the average output
current minus half the ripple current. We use the maxi-
mum room temperature specification for MOSFET R
DS(ON)
at V
GS = 4.5V for purposes of this calculation:
The ripple at low battery voltage is used because we want
to make sure that current limit does not occur under nor-
mal operating conditions.
For our example:
I
VALLEY = 5.13A, RDS(ON) = 9mΩ and RILIM = 7.76kΩ
We select the next lowest 1% resistor value: 7.68kΩ
Thermal Considerations
The junction temperature of the device may be calculated
as follows:
Where:
T
A = ambient temperature (°C)
P
D = power dissipation in (W)
θ
JA = thermal impedance junction to ambient
from absolute maximum ratings (°C/W)
The power dissipation may be calculated as follows:
Where:
VCCA = chip supply voltage (V)
I
VCCA
= operating current (A)
VDDP = gate drive supply voltage (V)
Application Information (Cont.)
CCOUT(MIN) = L
F
IRIPPLE_VBAT(MAX)
IOUT +
2
POSLIMTR2 VOUT_ST_POS2
2
A
2
I
I
I
)
MIN
(
VBAT
_
RIPPLE
OUT
VALLEY
−
=
()
Ohms
10
10
4
.
1
R
2
.
1
I
R
6
)
ON
(
DS
VALLEY
ILIM
−
•
•
•
•
=
C
P
T
T
JA
D
A
J
°
θ
•
+
=
W
D
mA
1
VBST
f
Q
V
I
VDDP
I
VCCA
P
g
g
VDDP
VCCA
D
•
•
+
•
•
+
•
+
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com