Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 5 Page - Semtech Corporation

  SC411 Datasheet HTML 1Page - Semtech Corporation SC411 Datasheet HTML 2Page - Semtech Corporation SC411 Datasheet HTML 3Page - Semtech Corporation SC411 Datasheet HTML 4Page - Semtech Corporation SC411 Datasheet HTML 5Page - Semtech Corporation SC411 Datasheet HTML 6Page - Semtech Corporation SC411 Datasheet HTML 7Page - Semtech Corporation SC411 Datasheet HTML 8Page - Semtech Corporation SC411 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Notes:
1) When the inductor is in continuous and discontinuous conduction mode, the output voltage will have a DC regulation level higher than the
error-comparator threshold by 50% of the ripple voltage.
2) Using a current sense resistor, this measurement relates to PGND minus the voltage of the source on the low-side MOSFET. These values
guaranteed by the ILIM Source Current and Current Comparator Offset tests.
3) clks = Switching cycles.
4) Guaranteed by design. See Shoot-Through Delay Timing Diagram on Page 8.
5) Semtech’s SmartDriverTM FET drive first pulls DH high with a pull-up resistance of 10Ω (typ) until LX = 1.5V (typ). At this point, an additional
pull-up device is activated, reducing the resistance to 2Ω (typ). This negates the need for an external gate or boost resistor.
Parameter
Conditions
25°C
-40°C to 125°C
Units
Min
Typ
Max
Min
Max
Soft-Start
Soft-Start Ramp Time
EN/PSV High to PGD High
440
clks(3)
Under-Voltage Blank Time
EN/PSV High to UV High
440
clks(3)
Gate Drivers
Shoot-Through Delay(4)
DH or DL Rising
30
ns
DL Pull-Down Resistance
DL Low
0.80
1.75
Ω
DL Sink Current
DL = 2.5V
3.1
A
DL Pull-Up Resistance
DL High
2
4
Ω
DL Source Current
DL = 2.5V
1.3
A
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com