Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 14Page - Semtech Corporation SC411 Datasheet HTML 15Page - Semtech Corporation SC411 Datasheet HTML 16Page - Semtech Corporation SC411 Datasheet HTML 17Page - Semtech Corporation SC411 Datasheet HTML 18Page - Semtech Corporation SC411 Datasheet HTML 19Page - Semtech Corporation SC411 Datasheet HTML 20Page - Semtech Corporation SC411 Datasheet HTML 21Page - Semtech Corporation SC411 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
The layout can be considered in two parts, the control section referenced to VSSA and the power section. Looking at
the control section first, locate all components referenced to VSSA on the schematic and place these components at
the chip. Drop vias to the ground plane as needed.
Figure 5: Components Connected to VSSA
Figure 6: Control Section Example
In Figure 6 above, all components referenced to VSSA have been placed and connected to the ground plane with
vias. Decoupling capacitors C9 and C10 are as close as possible to their pins and connected to the ground plane
with vias. Note how the VSSA and PGND pins are connected directly to the thermal pad, which has 4 vias to the
ground plane (not shown).
VOUT
VBAT
C8
1nF
R1
1M
C10
1uF
5VSUS
R2
10R
5VSUS
VOUT
1
VCCA
2
FB
3
PGD
4
VDDP
9
ILIM
10
LX
11
DH
12
U1
SC411
C5
56p
0402
0402
0402
0402
0402
0402
0603
0603
C9
1uF
R3
20k0
R5
14k3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com