Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC411 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC411
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC411 Datasheet HTML 10Page - Semtech Corporation SC411 Datasheet HTML 11Page - Semtech Corporation SC411 Datasheet HTML 12Page - Semtech Corporation SC411 Datasheet HTML 13Page - Semtech Corporation SC411 Datasheet HTML 14Page - Semtech Corporation SC411 Datasheet HTML 15Page - Semtech Corporation SC411 Datasheet HTML 16Page - Semtech Corporation SC411 Datasheet HTML 17Page - Semtech Corporation SC411 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Application Information (Cont.)
For our example:
ERR
TR = 96mV and ERRDC = 26.4mV, therefore,
R
ESR_TR(MAX) = 9.8mΩ for a full 6A load transient
We will select a value of 12.5mΩ maximum for our de-
sign, which would be achieved by using two 25mΩ output
capacitors in parallel.
Note that for constant-on converters there is a minimum
ESR requirement for stability which can be calculated as
follows:
This criteria should be checked once the output
capacitance has been determined.
Now that we know the output ESR we can calculate the
output ripple voltage:
and,
For our example:
V
RIPPLE_VBAT(MAX) = 27mVP-P and VRIPPLE_VBAT(MIN) = 22mVP-P
Note that in order for the device to regulate in a controlled
manner, the ripple content at the feedback pin, V
FB, should
be approximately 15mV
P-P at minimum VBAT, and worst
case no smaller than 10mV
P-P.
If V
RIPPLE_VBAT(MIN) is less than
15mV
P-P the above component values should be revisited
in order to improve this. Quite often a small capacitor,
C
TOP, is required in parallel with the top feedback resis-
tor, R
TOP, in order to ensure that VFB is large enough. CTOP
should not be greater than 100pF. The value of C
TOP can
be calculated as follows, where R
BOT is the bottom feed-
back resistor.
SW
OUT
)
MIN
(
ESR
f
C
2
3
R
•
•
π
•
=
Firstly calculating the value of Z
TOP required:
()Ohms
015
.
0
V
015
.
0
R
Z
)
MIN
(
VBAT
_
RIPPLE
BOT
TOP
−
•
=
Secondly calculating the value of C
TOP required to achieve
this:
For our example we will use R
TOP = 20.0kΩ and RBOT =
14.3kΩ, therefore,
Z
TOP = 6.67kΩ and CTOP = 60pF
We will select a value of C
TOP = 56pF. Calculating the
value of VFB based upon the selected C
TOP:
P
P
TOP
)
MIN
(
VBAT
_
SW
TOP
BOT
BOT
)
MIN
(
VBAT
_
RIPPLE
)
MIN
(
VBAT
_
FB
V
C
f
2
R
1
1
R
R
V
V
−
⎟
⎟
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎜
⎜
⎝
⎛
•
•
π
•
+
+
•
=
For our example:
V
FB_VBAT(MIN) = 14.8mVP-P - good
Next we need to calculate the minimum output capaci-
tance required to ensure that the output voltage does not
exceed the transient maximum limit, POSLIM
TR, starting
from the actual static maximum, V
OUT_ST_POS, when a load
release occurs:
For our example:
V
OUT_ST_POS = 1.226V
P
P
)
MAX
(
VBAT
_
RIPPLE
ESR
)
MAX
(
VBAT
_
RIPPLE
V
I
R
V
−
•
=
P
P
)
MIN
(
VBAT
_
RIPPLE
ESR
)
MIN
(
VBAT
_
RIPPLE
V
I
R
V
−
•
=
F
f
2
R
1
Z
1
C
)
MIN
(
VBAT
_
SW
TOP
TOP
TOP
•
π
•
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
V
ERR
V
V
DC
OUT
POS
_
ST
_
OUT
+
=
V
TOL
V
POSLIM
TR
OUT
TR
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com