Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 35Page - Texas Instruments TMS320DM355 Datasheet HTML 36Page - Texas Instruments TMS320DM355 Datasheet HTML 37Page - Texas Instruments TMS320DM355 Datasheet HTML 38Page - Texas Instruments TMS320DM355 Datasheet HTML 39Page - Texas Instruments TMS320DM355 Datasheet HTML 40Page - Texas Instruments TMS320DM355 Datasheet HTML 41Page - Texas Instruments TMS320DM355 Datasheet HTML 42Page - Texas Instruments TMS320DM355 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 158 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
CAM_HD /
N5
I/O
CCDC
VDD_VIN
PD
in
Horizontal synchronization signal that can be PINMUX0[11].CAM_
GIO085
/ GIO
either an input (slave mode) or an output
HD
(master mode). Tells the CCDC when a new
line starts.
GIO: GIO[085]
CAM_VD /
R4
I/O
CCDC
VDD_VIN
PD
in
Vertical synchronization signal that can be
PINMUX0[12].CAM_
GIO084
/ GIO
either an input (slave mode) or an output
VD
(master mode). Tells the CCDC when a new
frame starts.
GIO: GIO[084]
CAM_WEN_FIE
R5
I/O
CCDC
VDD_VIN
PD
in
Write enable input signal is used by external
PINMUX0[13].CAM_
LD / GIO083
/ GIO
device (AFE/TG) to gate the DDR output of
WEN
the CCDC module.
Alternately, the field identification input
plus
signal is used by external device (AFE/TG)
to indicate the which of two frames is input
to the CCDC module for sensors with
interlaced output. CCDC handles 1- or
2-field sensors in hardware.
GIO: GIO[083]
CCDC.MODE[7].CC
DMD &
CCDC.MODE[5].SW
EN
PCLK / GIO082
T3
I/O
CCDC
VDD_VIN
PD
in
Pixel clock input (strobe for lines CI7 through PINMUX0[14].PCLK
/ GIO
YI0)
GIO: GIO[082]
YOUT7-R7
C3
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
function(4)
YOUT6-R6
A4
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
function(4)
YOUT5-R5
B4
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
function(4)
YOUT4-R4
B3
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
function(4)
YOUT3-R3
B2
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
function(4)
YOUT2-G7
A3
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
function(4)
YOUT1-G6
A2
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
function(4)
YOUT0-G5
B1
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
function(4)
COUT7-G4 /
C2
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
PINMUX1[1:0].COU
GIO081 / PWM0
/ GIO /
function
T_7
PWM0
GIO: GIO[081]
PWM0
COUT6-G3 /
D2
I/O
VENC
VDD_VOUT
in
Digital Video Out: VENC settings determine
PINMUX1[3:2].COU
GIO080 / PWM1
/ GIO /
function
T_6
PWM1
GIO: GIO[080]
PWM1(4)
Submit Documentation Feedback
Device Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com