Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320DM355 Datasheet HTML 1Page - Texas Instruments TMS320DM355 Datasheet HTML 2Page - Texas Instruments TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 158 page
background image
www.ti.com
1.2 Description
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
The DM355 is a highly integrated, programmable platform for digital still camera, digital photo frames, IP
security cameras, 4-channel digital video recorders, video door bell application, and other low cost
portable digital video applications. Designed to offer portable video designers and manufacturers the
ability to produce affordable portable digital video solutions with high picture quality, the DM355 combines
high performance, high quality, low power consumption at a very low price point. The DM355 also enables
seamless interface to most additional external devices required for a complete digital camera
implementation. The interface is flexible enough to support various types of CCD and CMOS sensors,
signal conditioning circuits, power management, DDR/mDDR memory, SRAM, NAND, shutter, Iris and
auto-focus motor controls, etc.
The DM355 processor core is an ARM926EJ-S RISC processor. The ARM926EJ-S is a 32-bit processor
core that performs 32-bit and 16-bit instructions and processes 32-bit, 16-bit, and 8-bit data. The core
uses pipelining so that all parts of the processor and memory system can operate continuously. The ARM
core incorporates:
• A coprocessor 15 (CP15) and protection module
• Data and program Memory Management Units (MMUs) with table look-aside buffers.
• Separate 16K-byte instruction and 8K-byte data caches. Both are four-way associative with virtual
index virtual tag (VIVT).
DM355 performance is enhanced by its MPEG/JPEG co-processor. The MPEG/JPEG co-processor
performs the computational operations required for image processing; JPEG compression and MPEG1,2,4
video and imaging standards.
The DM355 device has a Video Processing Subsystem (VPSS) with two configurable video/imaging
peripherals:
• A Video Processing Front-End (VPFE)
• A Video Processing Back-End (VPBE)
The VPFE port provides an interface for CCD/CMOS imager modules and video decoders. The VPBE
provides hardware On Screen Display (OSD) support and composite NTSC/PAL and digital LCD output.
The DM355 peripheral set includes:
• An inter-integrated circuit (I2C) Bus interface
• Two audio serial ports (ASP)
• Three 64-bit general-purpose timers each configurable as two independent 32-bit timers
• A 64-bit watchdog timer
• Up to 104-pins of general-purpose input/output (GPIO) with programmable interrupt/event generation
modes, multiplexed with other peripherals
• Three UARTs with hardware handshaking support on one UART
• Three serial port Interfaces (SPI)
• Four pulse width modulator (PWM) peripherals
• Four real time out (RTO) outputs
• Two Multi-Media Card / Secure Digital (MMC/SD) interfaces
• A USB 2.0 full and high-speed device and host interface
• Two external memory interfaces:
–
An asynchronous external memory interface (AEMIF) for slower memories/peripherals such as
NAND and OneNAND,
–
A high speed synchronous memory interface for DDR2/mDDR.
For software development support the DM355 has a complete set of ARM development tools which
include: C compilers, assembly optimizers to simplify programming and scheduling, and a Windows™
debugger interface for visibility into source code execution.
Submit Documentation Feedback
TMS320DM355 Digital Media System-on-Chip (DMSoC)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com