Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments TMS320DM355 Datasheet HTML 10Page - Texas Instruments TMS320DM355 Datasheet HTML 11Page - Texas Instruments TMS320DM355 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 158 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 2-3. DM355 ARM Configuration Bus Access to Peripherals (continued)
Address
Accessibility
UART1
0x01C2 0400
0x01C2 07FF
1K
√
√
Timer4/5
0x01C2 0800
0x01C2 0BFF
1K
√
√
Real-time out
0x01C2 0C00
0x01C2 0FFF
1K
√
√
I2C
0x01C2 1000
0x01C2 13FF
1K
√
√
Timer0/1
0x01C2 1400
0x01C2 17FF
1K
√
√
Timer2/3
0x01C2 1800
0x01C2 1BFF
1K
√
√
WatchDog Timer
0x01C2 1C00
0x01C2 1FFF
1K
√
√
PWM0
0x01C2 2000
0x01C2 23FF
1K
√
√
PWM1
0x01C2 2400
0x01C2 27FF
1K
√
√
PWM2
0x01C2 2800
0x01C2 2BFF
1K
√
√
PWM3
0x01C2 2C00
0x01C2 2FFF
1K
√
√
System Module
0x01C4 0000
0x01C4 07FF
2K
√
√
PLL Controller 0
0x01C4 0800
0x01C4 0BFF
1K
√
√
PLL Controller 1
0x01C4 0C00
0x01C4 0FFF
1K
√
√
Power/Sleep Controller
0x01C4 1000
0x01C4 1FFF
4K
√
√
ARM Interrupt Controller
0x01C4 8000
0x01C4 83FF
1K
√
√
USB OTG 2.0 Regs / RAM
0x01C6 4000
0x01C6 5FFF
8K
√
√
SPI0
0x01C6 6000
0x01C6 67FF
2K
√
√
SPI1
0x01C6 6800
0x01C6 6FFF
2K
√
√
GPIO
0x01C6 7000
0x01C6 77FF
2K
√
√
SPI2
0x01C6 7800
0x01C6 FFFF
2K
√
√
VPSS Subsystem
0x01C7 0000
0x01C7 FFFF
64K
√
√
VPSS Clock Control
0x01C7 0000
0x01C7 007F
128
√
√
Hardware 3A
0x01C7 0080
0x01C7 00FF
128
√
√
Image Pipe (IPIPE) Interface
0x01C7 0100
0x01C7 01FF
256
√
√
On Screen Display
0x01C7 0200
0x01C7 02FF
256
√
√
High Speed Serial IF
0x01C7 0300
0x01C7 03FF
256
√
√
Video Encoder
0x01C7 0400
0x01C7 05FF
512
√
√
CCD Controller
0x01C7 0600
0x01C7 07FF
256
√
√
VPSS Buffer Logic
0x01C7 0800
0x01C7 08FF
256
√
√
Reserved
0x01C7 0900
0x01C7 09FF
256
√
√
Image Pipe (IPIPE)
0x01C7 1000
0x01C7 3FFF
12K
√
√
Reserved
0x01CC 0000
0x01CD FFFF
128K
√
√
Multimedia / SD 1
0x01E0 0000
0x01E0 1FFF
8K
√
√
ASP0
0x01E0 2000
0x01E0 3FFF
8K
√
√
ASP1
0x01E0 4000
0x01E0 5FFF
8K
√
√
UART2
0x01E0 6000
0x01E0 63FF
1K
√
√
Reserved
0x01E0 6400
0x01E0 FFFF
39K
√
√
ASYNC EMIF Control
0x01E1 0000
0x01E1 0FFF
4K
√
√
Multimedia / SD 0
0x01E1 1000
0x01E1 FFFF
60K
√
√
Reserved
0x01E2 0000
0x01FF FFFF
1792K
√
√
ASYNC EMIF Data (CE0)
0x0200 0000
0x03FF FFFF
32M
√
√
ASYNC EMIF Data (CE1)
0x0400 0000
0x05FF FFFF
32M
√
√
Reserved
0x0A00 0000
0x0BFF FFFF
32M
√
√
Reserved
0x0C00 0000
0x0FFF FFFF
64M
√
√
Device Overview
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com