Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM355 Datasheet HTML 1Page - Texas Instruments TMS320DM355 Datasheet HTML 2Page - Texas Instruments TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 158 page
background image
www.ti.com
Contents
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
1
TMS320DM355 Digital Media System-on-Chip
4.2
Recommended Operating Conditions
............... 92
(DMSoC)
................................................... 1
4.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Case
1.1
Features
.............................................. 1
Temperature (Unless Otherwise Noted)
............ 93
1.2
Description
............................................ 3
5
DM355 Peripheral Information and Electrical
1.3
Functional Block Diagram
............................ 4
Specifications
........................................... 94
2
Device Overview
......................................... 6
5.1
Parameter Information Device-Specific Information
94
2.1
Device Characteristics
................................ 6
5.2
Recommended Clock and Control Signal Transition
2.2
Memory Map Summary
............................... 7
Behavior
............................................. 96
2.3
Pin Assignments
...................................... 9
5.3
Power Supplies
...................................... 96
2.4
Pin Functions
........................................ 13
5.4
Reset
................................................ 98
2.5
Pin List
.............................................. 36
5.5
Oscillators and Clocks
............................... 99
2.6
Device Support
...................................... 55
5.6
General-Purpose Input/Output (GPIO)
............. 104
3
Detailed Device Description
.......................... 59
5.7
External Memory Interface (EMIF)
................. 106
3.1
ARM Subsystem Overview
.......................... 59
5.8
MMC/SD
........................................... 113
3.2
ARM926EJ-S RISC CPU
............................ 60
5.9
Video Processing Sub-System (VPSS) Overview
. 115
3.3
Memory Mapping
.................................... 62
5.10
USB 2.0
............................................ 127
3.4
ARM Interrupt Controller (AINTC)
................... 63
5.11
Universal Asynchronous Receiver/Transmitter
(UART)
............................................. 129
3.5
Device Clocking
..................................... 65
5.12
Serial Port Interface (SPI)
.......................... 131
3.6
PLL Controller (PLLC)
............................... 73
5.13
Inter-Integrated Circuit (I2C)
....................... 134
3.7
Power and Sleep Controller (PSC)
.................. 77
5.14
Audio Serial Port (ASP)
............................ 137
3.8
System Control Module
............................. 77
5.15
Timer
............................................... 145
3.9
Pin Multiplexing
...................................... 78
5.16
Pulse Width Modulator (PWM)
..................... 146
3.10
Device Reset
........................................ 79
5.17
Real Time Out (RTO)
.............................. 148
3.11
Default Device Configurations
....................... 80
5.18
IEEE 1149.1 JTAG
................................ 149
3.12
Device Boot Modes
................................. 83
6
Revision History (Revision B)
...................... 152
3.13
Power Management
................................. 85
7
Revision History (Revision A)
...................... 154
3.14
64-Bit Crossbar Architecture
........................ 87
8
Mechanical Data
....................................... 156
3.15
MPEG/JPEG Overview
.............................. 90
8.1
Thermal Data for ZCE
............................. 156
4
Device Operating Conditions
........................ 91
8.1.1
Packaging Information
............................. 156
4.1
Absolute Maximum Ratings Over Operating Case
Temperature Range
(Unless Otherwise Noted)
.......................... 91
Submit Documentation Feedback
Contents
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com