Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 58Page - Texas Instruments TMS320DM355 Datasheet HTML 59Page - Texas Instruments TMS320DM355 Datasheet HTML 60Page - Texas Instruments TMS320DM355 Datasheet HTML 61Page - Texas Instruments TMS320DM355 Datasheet HTML 62Page - Texas Instruments TMS320DM355 Datasheet HTML 63Page - Texas Instruments TMS320DM355 Datasheet HTML 64Page - Texas Instruments TMS320DM355 Datasheet HTML 65Page - Texas Instruments TMS320DM355 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 158 page
background image
www.ti.com
3.2.4
Tightly Coupled Memory (TCM)
3.2.5
Advanced High-performance Bus (AHB)
3.2.6
Embedded Trace Macrocell (ETM) and Embedded Trace Buffer (ETB)
3.3
Memory Mapping
3.3.1
ARM Internal Memories
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
The write buffer is used for all writes to a noncachable bufferable region, write-through region and write
misses to a write-back region. A separate buffer is incorporated in the Dcache for holding write-back for
cache line evictions or cleaning of dirty cache lines. The main write buffer has 16-word data buffer and a
four-address buffer. The Dcache write-back has eight data word entries and a single address entry.
ARM internal RAM is provided for storing real-time and performance-critical code/data and the Interrupt
Vector table. ARM internal ROM boot options include—NAND, UART, and MMC/SD. The RAM and ROM
memories interfaced to the ARM926EJ-S via the tightly coupled memory interface that provides for
separate instruction and data bus connections. Since the ARM TCM does not allow instructions on the
D-TCM bus or data on the I-TCM bus, an arbiter is included so that both data and instructions can be
stored in the internal RAM/ROM. The arbiter also allows accesses to the RAM/ROM from extra-ARM
sources (e.g., EDMA or other masters). The ARM926EJ-S has built-in DMA support for direct accesses to
the ARM internal memory from a non-ARM master. Because of the time-critical nature of the TCM link to
the ARM internal memory, all accesses from non-ARM devices are treated as DMA transfers.
Instruction and Data accesses are differentiated via accessing different memory map regions, with the
instruction region from 0x0000 through 0x7FFF and data from 0x10000 through 0x17FFF. Placing the
instruction region at 0x0000 is necessary to allow the ARM Interrupt Vector table to be placed at 0x0000,
as required by the ARM architecture. The internal 32-KB RAM is split into two physical banks of 16KB
each, which allows simultaneous instruction and data accesses to be accomplished if the code and data
are in separate banks.
The ARM Subsystem uses the AHB port of the ARM926EJ-S to connect the ARM to the configuration bus
and the external memories. Arbiters are employed to arbitrate access to the separate D-AHB and I-AHB
by the configuration bus and the external memories bus.
To support real-time trace, the ARM926EJ-S processor provides an interface to enable connection of an
Embedded Trace Macrocell (ETM). The ARM926ES-J Subsystem in DM355 also includes the Embedded
Trace Buffer (ETB). The ETM consists of two parts:
• Trace Port provides real-time trace capability for the ARM9.
• Triggering facilities provide trigger resources, which include address and data comparators, counter,
and sequencers.
The DM355 trace port is not pinned out and is instead only connected to the Embedded Trace Buffer. The
ETB has a 4KB buffer memory. ETB enabled debug tools are required to read/interpret the captured trace
data.
The ARM memory map is shown in Table 2-2 and Table 2-3. This section describes the memories and
interfaces within the ARM's memory map.
The ARM has access to the following ARM internal memories:
• 32KB ARM Internal RAM on TCM interface, logically separated into two 16KB pages to allow
simultaneous access on any given cycle if there are separate accesses for code (I-TCM bus) and data
(D-TCM) to the different memory regions.
• 8KB ARM Internal ROM
Detailed Device Description
62
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com