Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 17Page - Texas Instruments TMS320DM355 Datasheet HTML 18Page - Texas Instruments TMS320DM355 Datasheet HTML 19Page - Texas Instruments TMS320DM355 Datasheet HTML 20Page - Texas Instruments TMS320DM355 Datasheet HTML 21Page - Texas Instruments TMS320DM355 Datasheet HTML 22Page - Texas Instruments TMS320DM355 Datasheet HTML 23Page - Texas Instruments TMS320DM355 Datasheet HTML 24Page - Texas Instruments TMS320DM355 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 158 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 2-10. DDR Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
DDR_A10
V6
I/O/Z
VDD_DDR
DDR Address Bus bit 10
DDR_A09
W6
I/O/Z
VDD_DDR
DDR Address Bus bit 09
DDR_A08
W5
I/O/Z
VDD_DDR
DDR Address Bus bit 08
DDR_A07
V5
I/O/Z
VDD_DDR
DDR Address Bus bit 07
DDR_A06
U5
I/O/Z
VDD_DDR
DDR Address Bus bit 06
DDR_A05
W4
I/O/Z
VDD_DDR
DDR Address Bus bit 05
DDR_A04
V4
I/O/Z
VDD_DDR
DDR Address Bus bit 04
DDR_A03
W3
I/O/Z
VDD_DDR
DDR Address Bus bit 03
DDR_A02
W2
I/O/Z
VDD_DDR
DDR Address Bus bit 02
DDR_A01
V3
I/O/Z
VDD_DDR
DDR Address Bus bit 01
DDR_A00
V2
I/O/Z
VDD_DDR
DDR Address Bus bit 00
DDR_DQ15
W17
I/O/Z
VDD_DDR
DDR Data Bus bit 15
DDR_DQ14
V16
I/O/Z
VDD_DDR
DDR Data Bus bit 14
DDR_DQ13
W16
I/O/Z
VDD_DDR
DDR Data Bus bit 13
DDR_DQ12
U16
I/O/Z
VDD_DDR
DDR Data Bus bit 12
DDR_DQ11
W15
I/O/Z
VDD_DDR
DDR Data Bus bit 11
DDR_DQ10
W14
I/O/Z
VDD_DDR
DDR Data Bus bit 10
DDR_DQ09
V14
I/O/Z
VDD_DDR
DDR Data Bus bit 09
DDR_DQ08
U13
I/O/Z
VDD_DDR
DDR Data Bus bit 08
DDR_DQ07
W13
I/O/Z
VDD_DDR
DDR Data Bus bit 07
DDR_DQ06
V13
I/O/Z
VDD_DDR
DDR Data Bus bit 06
DDR_DQ05
W12
I/O/Z
VDD_DDR
DDR Data Bus bit 05
DDR_DQ04
U12
I/O/Z
VDD_DDR
DDR Data Bus bit 04
DDR_DQ03
T11
I/O/Z
VDD_DDR
DDR Data Bus bit 03
DDR_DQ02
U11
I/O/Z
VDD_DDR
DDR Data Bus bit 02
DDR_DQ01
W11
I/O/Z
VDD_DDR
DDR Data Bus bit 01
DDR_DQ00
V11
I/O/Z
VDD_DDR
DDR Data Bus bit 00
DDR_
DDR: Loopback signal for external DQS gating. Route to DDR and back to
W18
I/O/Z
VDD_DDR
DQGATE0
DDR_DQGATE1 with same constraints as used for DDR clock and data.
DDR_
DDR: Loopback signal for external DQS gating. Route to DDR and back to
V17
I/O/Z
VDD_DDR
DQGATE1
DDR_DQGATE0 with same constraints as used for DDR clock and data.
DDR: Voltage input for the SSTL_18 I/O buffers. Note even in the case of mDDR
DDR_VREF
U10
I/O/Z
VDD_DDR
an external resistor divider connected to this pin is necessary.
VSSA_DLL
R11
I/O/Z
VDD_DDR
DDR: Ground for the DDR DLL
VDDA33_DDR
R10
I/O/Z
VDD_DDR
DDR: Power (3.3 V) for the DDR DLL
DLL
DDR: Reference output for drive strength calibration of N and P channel outputs.
DDR_ZN
T9
I/O/Z
VDD_DDR
Tie to ground via 50 ohm resistor @ 0.5% tolerance.
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com