Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 19Page - Texas Instruments TMS320DM355 Datasheet HTML 20Page - Texas Instruments TMS320DM355 Datasheet HTML 21Page - Texas Instruments TMS320DM355 Datasheet HTML 22Page - Texas Instruments TMS320DM355 Datasheet HTML 23Page - Texas Instruments TMS320DM355 Datasheet HTML 24Page - Texas Instruments TMS320DM355 Datasheet HTML 25Page - Texas Instruments TMS320DM355 Datasheet HTML 26Page - Texas Instruments TMS320DM355 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 158 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 2-11. GPIO Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
MMCSD1
_DATA1 /
MMCSD1: DATA1
GIO020 /
B15
I/O/Z
VDD
GIO: GIO[020]
UART2_R
UART2: Receive Data
XD
MMCSD1
_DATA2 /
MMCSD1: DATA2
GIO021 /
A16
I/O/Z
VDD
GIO: GIO[021]
UART2_C
UART2: CTS
TS
MMCSD1
_DATA3 /
MMCSD1: DATA3
GIO022 /
B16
I/O/Z
VDD
GIO: GIO[022]
UART2_R
UART2: RTS
TS
MMCSD1
MMCSD1: Command
_CMD /
A17
I/O/Z
VDD
GIO: GIO[023]
GIO023
MMCSD1
MMCSD1: Clock
_CLK /
C15
I/O/Z
VDD
GIO: GIO[024]
GIO024
ASP0_FS
ASP0: Receive Frame Synch
R /
F16
I/O/Z
VDD
GIO: GIO[025]
GIO025
ASP0_CL
ASP0: Receive Clock
KR /
F17
I/O/Z
VDD
GIO: GIO[026]
GIO026
ASP0_DR
ASP0: Receive Data
E18
I/O/Z
VDD
/ GIO027
GIO: GIO[027]
ASP0_FS
ASP0: Transmit Frame Synch
X /
G17
I/O/Z
VDD
GIO: GIO[028]
GIO028
ASP0_CL
ASP0: Transmit Clock
KX /
F18
I/O/Z
VDD
GIO: GIO[029]
GIO029
ASP0_DX
ASP0: Transmit Data
H15
I/O/Z
VDD
/ GIO030
GIO: GIO[030]
EM_CLK /
E19
I/O/Z
VDD
OneNAND: Clock signal for OneNAND flash interface GIO: GIO[031]
GIO031
EM_ADV /
PD
OneNAND: Address Valid Detect for OneNAND interface
H16
I/O/Z
GIO032
VDD
GIO: GIO[032]
EM_WAIT
PU
Async EMIF: Async WAIT NAND/SM/xD: RDY/_BSY input
G18
I/O/Z
/ GIO033
VDD
GIO: GIO[033]
Async EMIF: Output Enable
EM_OE /
F19
I/O/Z
VDD
NAND/SM/xD: RE (Read Enable) output
GIO034
GIO: GIO[034]
Async EMIF: Write Enable
EM_WE /
J15
I/O/Z
VDD
NAND/SM/xD: WE (Write Enable) output
GIO035
GIO: GIO[035]
Async EMIF: Second Chip Select., Can be programmed to be used for standard
EM_CE1 /
G19
I/O/Z
VDD
asynchronous memories (example: flash), OneNand or NAND memory.
GIO036
GIO: GIO[036]
Async EMIF: Lowest numbered Chip Select. Can be programmed to be used for
EM_CE0 /
standard asynchronous memories (example: flash), OneNand or NAND memory.
J16
I/O/Z
VDD
GIO037
Used for the default boot and ROM boot modes.
GIO: GIO[037]
EM_D00 /
Async EMIF: Data Bus bit[00]
H18
I/O/Z
VDD
GIO038
GIO: GIO[038]
Submit Documentation Feedback
Device Overview
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com