Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments TMS320DM355 Datasheet HTML 10Page - Texas Instruments TMS320DM355 Datasheet HTML 11Page - Texas Instruments TMS320DM355 Datasheet HTML 12Page - Texas Instruments TMS320DM355 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 158 page
background image
www.ti.com
2.3 Pin Assignments
2.3.1
Pin Map (Bottom View)
9
J
8
VSSA_PLL2
7
VDDA33_USB
6
5
4
3
1
H
G
VDDA13_USB
VSS
F
E
D
CIN2
C
B
A
VREF
CIN3
CIN0
VDDA_PLL2
VSS
LCD_OE
FIELD
VCLK
VSS
VSS
CVDD
VSYNC
EXTCLK
VFB
VDD_VOUT
VDD_VOUT
VDD_VOUT
HSYNC
COUT0
COUT1
TVOUT
TDO
EMU0
EMU1
VSS_USB
USB_VBUS
COUT2
COUT3
IOUT
TDI
TMS
VSS_USB
USB_ID
COUT4
VSS
TRST
VSS_USB_REF
USB_R1
VDDD13_USB
USB_DRV
VBUS
CVDD
YOUT7
COUT5
MXO1
VSS
VSS_USB
VDDA33_USB_
PLL
VSS
YOUT5
YOUT4
YOUT0
MXI1
VSS
USB_DP
USB_DM
VSS
YOUT6
YOUT2
CVDD
2
VSS
VSS
VSS
IBIAS
VSS
COUT6
COUT7
YOUT3
YOUT1
RSV01
VDD
VDD
NC
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in
the smallest possible package. Pin multiplexing is controlled using a combination of hardware
configuration at device reset and software programmable register settings.
Figure 2-1 through Figure 2-4 show the pin assignments in four quadrants (A, B, C, and D). Note that
micro-vias are not required. Contact your TI representative for routing recommendations.
Figure 2-1. Pin Map [Quadrant A]
Submit Documentation Feedback
Device Overview
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com