Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 79Page - Texas Instruments TMS320DM355 Datasheet HTML 80Page - Texas Instruments TMS320DM355 Datasheet HTML 81Page - Texas Instruments TMS320DM355 Datasheet HTML 82Page - Texas Instruments TMS320DM355 Datasheet HTML 83Page - Texas Instruments TMS320DM355 Datasheet HTML 84Page - Texas Instruments TMS320DM355 Datasheet HTML 85Page - Texas Instruments TMS320DM355 Datasheet HTML 86Page - Texas Instruments TMS320DM355 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 158 page
background image
www.ti.com
3.11.4 ARM Boot Mode Configuration
3.11.5 AEMIF Configuration
3.12 Device Boot Modes
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 3-16. Module Configuration (continued)
Default States
31
ARM
AlwaysOn
ON
Enable
32
BUS
AlwaysOn
ON
Enable
33
BUS
AlwaysOn
ON
Enable
34
BUS
AlwaysOn
ON
Enable
35
BUS
AlwaysOn
ON
Enable
36
BUS
AlwaysOn
ON
Enable
37
BUS
AlwaysOn
ON
Enable
38
BUS
AlwaysOn
ON
Enable
39
Reserved
Reserved
Reserved
Reserved
40
VPSS DAC
Always On
ON
SyncRst
The input pins BTSEL[1:0] determine whether the ARM will boot from its ROM or from the Asynchronous
EMIF (AEMIF). When ROM boot is selected (BTSEL[1:0] = 00, 10, or 11), a jump to the start of internal
ROM (address 0x0000: 8000) is forced into the first fetched instruction word. The embedded ROM boot
loader code (RBL) then performs certain configuration steps, reads the BOOTCFG register to determine
the desired boot method, and branches to the appropriate boot routine (i.e., a NAND, MMC/SD, or UART
loader routine).
If AEMIF boot is selected (BTSEL[1:0] = 01), a jump to the start of AEMIF (address 0x0200: 0000) is
forced into the first fetched instruction word. The ARM then continues executing from external
asynchronous memory using the default AEMIF timings until modified by software.
NOTE
For AEMIF boot, the OneNAND must be connected to the first AEMIF chip select space
(EM_CE0). Also, the AEMIF does not support direct execution from NAND Flash.
Boot modes are further described in Section 3.12.
3.11.5.1 AEMIF Pin Configuration
The input pins AECFG[3:0] determine the AEMIF configuration immediately after reset. Use AECFG[3:0]
to properly configure the pins of the AEMIF. Refer to the section on pin multiplexing in Section 3.9.
Also, see the Asynchronous External Memory Interface (AEMIF) Peripheral Reference Guide (SPRUEE8)
for more information on the AEMIF.
3.11.5.2 AEMIF Timing Configuration
When AEMIF is enabled, the wait state registers are reset to the slowest possible configuration, which is
88 cycles per access (16 cycles of setup, 64 cycles of strobe, and 8 cycles of hold). Thus, with a 24 MHz
clock at MXI1, the AEMIF is configured to run at 6 MHz/88 which equals approximately 68 kHz by default.
See the Asynchronous External Memory Interface (AEMIF) Peripheral Reference Guide for more
information on the AEMIF.
The DM355 ARM can boot from either Async EMIF (AEMIF/OneNand) or from ARM ROM, as determined
by the setting of the device configuration pins BTSEL[1:0]. The BTSEL[1:0] pins can define the ROM boot
mode further as well.
Submit Documentation Feedback
Detailed Device Description
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com