Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 45Page - Texas Instruments TMS320DM355 Datasheet HTML 46Page - Texas Instruments TMS320DM355 Datasheet HTML 47Page - Texas Instruments TMS320DM355 Datasheet HTML 48Page - Texas Instruments TMS320DM355 Datasheet HTML 49Page - Texas Instruments TMS320DM355 Datasheet HTML 50Page - Texas Instruments TMS320DM355 Datasheet HTML 51Page - Texas Instruments TMS320DM355 Datasheet HTML 52Page - Texas Instruments TMS320DM355 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 158 page
background image
www.ti.com
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
SPI1_SCLK /
C13
I/O
SPI1 /
VDD
in
SPI1: Clock
PINMUX3[24].GIO1
GIO010
GIO
0
GIO: GIO[010]
SPI1_SDI /
A13
I/O
SPI1 /
VDD
in
SPI1: Data In -OR- SPI1: Chip Select 1
PINMUX3[26:25].GI
GIO009 /
GIO /
O9
SPI1_SDENA[1]
SPI1
GIO: GIO[009]
SPI1_SDO /
E12
I/O
SPI1 /
VDD
in
SPI1: Data Out
PINMUX3[27].GIO8
GIO008
GIO
GIO: GIO[008]
GIO007 /
C17
I/O
GIO
VDD
in
GIO: GIO[007]
PINMUX3[28].GIO7
SPI0_SDENA[1]
debou
nce /
SPI0
SPI0: Chip Select 1
GIO006
B18
I/O
GIO
VDD
in
GIO: GIO[006]
debou
nce
GIO005
D15
I/O
GIO
VDD
in
GIO: GIO[005]
debou
nce
GIO004
B17
I/O
GIO
VDD
in
GIO: GIO[004]
debou
nce
GIO003
G15
I/O
GIO
VDD
in
GIO: GIO[003]
debou
nce
GIO002
F15
I/O
GIO
VDD
in
GIO: GIO[002]
debou
nce
GIO001
E14
I/O
GIO
VDD
in
GIO: GIO[001]
debou
nce
GIO000
C16
I/O
GIO
VDD
in
GIO: GIO[000]
debou
nce
USB_DP
A7
A I/O USBP
VDDA33_USB
USB D+ (differential signal pair)
HY
USB_DM
A6
A I/O USBP
VDDA33_USB
USB D- (differential signal pair)
HY
USB_R1
C7
A I/O USBP
USB Reference current output
HY
Connect to VSS_USB_REF via 10K Ω ±1%
resistor placed as close to the device as
possible.
USB_ID
D5
A I/O USBP
VDDA33_USB
USB operating mode identification pin
HY
For Device mode operation only, pull up this
pin to VDD with a 1.5K ohm resistor.
For Host mode operation only, pull down this
pin to ground (VSS) with a 1.5K ohm resistor.
If using an OTG or mini-USB connector, this
pin will be set properly via the
cable/connector configuration.
Submit Documentation Feedback
Device Overview
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com