Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 34 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 34 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 30Page - GENESYS LOGIC GL646USB Datasheet HTML 31Page - GENESYS LOGIC GL646USB Datasheet HTML 32Page - GENESYS LOGIC GL646USB Datasheet HTML 33Page - GENESYS LOGIC GL646USB Datasheet HTML 34Page - GENESYS LOGIC GL646USB Datasheet HTML 35Page - GENESYS LOGIC GL646USB Datasheet HTML 36Page - GENESYS LOGIC GL646USB Datasheet HTML 37Page - GENESYS LOGIC GL646USB Datasheet HTML 38Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
GL646USB
7.52. Reg : 52H,53H
(Write)
Defalut : 00H,00H
RHI[4:0] : to latch R channel high byte data of AFE.
RLOW[4:0]
: to latch R channel low byte data of AFE.
7.53. Reg : 54H,55H
(Write)
Defalut : 00H,00H
GHI[4:0] : to latch G channel high byte data of AFE.
GLOW[4:0]
: to latch G channel low byte data of AFE.
7.54. Reg : 56H,57H
(Write)
Defalut : 00H,00H
BHI[4:0] : to latch B channel high byte data of AFE.
BLOW[4:0]
: to latch B channel low byte data of AFE.
(1). Color or fine gray : 24 clocks/pixel
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
R[15:8]
R[7:0]
G[15:8]
G[7:0]
B[15:8]
B[7:0]
RHI = 01H
RLOW
= 05H
GHI = 09H
GLOW
= 0DH
BHI = 11H
BLOW
= 15H
(2).Fast gray or B&W : 9 clocks/pixel
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
R[15:8]
R[7:0]
R[15:8]
R[7:0]
R[15:8]
RHI = 02H
RLOW
= 06H
7.55. Reg : 58H
(Write)
Defalut : 00H
B7~3:VSMP[4:0]
: to set the rising edge position of image sampling for AFE.
B2~0:VSMPW[2:0]
: to set the pulse width of image sampling.
(1). Color or fine gray : 24 clocks/pixel
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19+ 20 21 22 23 0
1
2
3
4
AFE
VSMP
Reg58=B3H : VSMP[4:0]=16H
VSMPW=3H
(2).Fast gray or B&W : 15 clocks/pixel
Rev. 1.4
-33-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com