Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 37 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 37 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 33Page - GENESYS LOGIC GL646USB Datasheet HTML 34Page - GENESYS LOGIC GL646USB Datasheet HTML 35Page - GENESYS LOGIC GL646USB Datasheet HTML 36Page - GENESYS LOGIC GL646USB Datasheet HTML 37Page - GENESYS LOGIC GL646USB Datasheet HTML 38Page - GENESYS LOGIC GL646USB Datasheet HTML 39Page - GENESYS LOGIC GL646USB Datasheet HTML 40Page - GENESYS LOGIC GL646USB Datasheet HTML 41Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
GL646USB
Rev. 1.4
-36-
note: If PHFREQ < 0FH,then PWM setting must < (PHFREQ+1)*4
7.63. Reg :66H,67H
(Write)
Defalut : 00H,00H
GPO[12:7]
: GPO12~7 outputs ports
GPO[6:1]
: GPO6~1 outputs ports
7.64. Reg :68H,69H
(Write)
Defalut : 00H,00H
GPOE[12:7]
: GPO12~7 ports output enable set.
GPOE[6:1]
: GPO6~1 ports output enable set.
Set ‘1’ : output.
Reset ‘0’ : input.
GPOM12~11 : to select GPIO12~11 as Bi-polar motor driver V-ref input voltage in
order to control drive current.
7.65. Reg :6AH
(Write)
Defalut : 00H
FSTPSEL[1:0] : for table two fast moving step type selection.
(1).bi-polar :
a.00: full step.
b.01: half step.
c.10: quarter step.
d.11: reserved.
(2).uni-polar :
a.00: two-phase-on full step.
b.01: half step.
c.10: reserved.
d.11: single-phase-on full step.
FASTPWM[5:0]
: to set PWM duty cycle for table two motor phase of uni-polar.
FASTPWM
=0
1/64 duty
=1
2/64 duty
=2
3/64 duty
……
=63
64/64 duty
note: If PHFREQ < 0FH,then PWM setting must < (PHFREQ+1)*4
7.66. Reg :6BH
(Write)
Defalut : 00H
FMOVNO[7:0]: Set fast moving slop steps(table two slope).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com