Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 9Page - GENESYS LOGIC GL646USB Datasheet HTML 10Page - GENESYS LOGIC GL646USB Datasheet HTML 11Page - GENESYS LOGIC GL646USB Datasheet HTML 12Page - GENESYS LOGIC GL646USB Datasheet HTML 13Page - GENESYS LOGIC GL646USB Datasheet HTML 14Page - GENESYS LOGIC GL646USB Datasheet HTML 15Page - GENESYS LOGIC GL646USB Datasheet HTML 16Page - GENESYS LOGIC GL646USB Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
GL646USB
Rev. 1.4
-12-
6. Application Description
6.1. System Clock
Internal PLL or external clock input.
A. PLL: 12MHz input , 24 or 32 MHz output to internal system and 48MHz output to internal USB controller.
B. USB2.0 supply: External USB2.0 controller support 24,30,48 MHz to three in one ASIC.
C. Crystal supply: depend on crystal input (receptible frequency of ASIC: 12 to 48 MHz)
6.2. Pixel Clock
A. Normal Mode(three line in):
a. 24 system clock/pixel
b. Chunky color scan(three line in) or fine gray scan for CCD.
B. Fast Mode(one line in) :
a. 9,12 or 15 system clock/pixel three type.
b. Planar color scan (one line in) or Monochrome scan.
c. Fast gray or black & white scan for CCD.
d. Planar color(one line in) for CCD line by turns or line by line.
e. Planar color(one line in),gray, true gray or black & white scan for CIS.
Note : Chunky Color is R1G1B1,R2G2B2,R3G3B3,………
Planar Color is R1,R2,R3,…..;G1,G2,G3,…….;B1,B2,B3,……..
CCD : Chunky color or planar color.
CIS : Planar color
6.3. Scan Speed
A. System clock = 24 MHz :
a. Normal Mode: Chunky color or fine gray scan.
24x41.666ns/pixel = 1.0us/pixel
(1). 600dpi : 5.4ms/line
(2). 1200dpi : 10.4ms/line
b. Fast Mode: Planar color, fast gray or black&white scan.
9x41.666ns/pixel = 0.375us/pixel
12x41.666ns/pixel = 0.5us/pixel
15x41.666ns/pixel = 0.625us/pixel
(1). 600dpi : 2.025~3.375ms/line
(2). 1200dpi : 4.05~6.75ms/line
B. System clock = 32MHz :
a. Normal Mode :
24x31.25ns/pixel = 0.75us/pixel
(1). 600dpi : 4.05ms/line
(2). 1200dpi : 8.1ms/line
b. Fast Mode :
9x31.25ns/pixel = 0.281us/pixel
12x31.25ns/pixel = 0.375us/pixel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com