Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 20Page - GENESYS LOGIC GL646USB Datasheet HTML 21Page - GENESYS LOGIC GL646USB Datasheet HTML 22Page - GENESYS LOGIC GL646USB Datasheet HTML 23Page - GENESYS LOGIC GL646USB Datasheet HTML 24Page - GENESYS LOGIC GL646USB Datasheet HTML 25Page - GENESYS LOGIC GL646USB Datasheet HTML 26Page - GENESYS LOGIC GL646USB Datasheet HTML 27Page - GENESYS LOGIC GL646USB Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
GL646USB
Rev. 1.4
-23-
52
RHI[4:0]
53
RLOW[4:0]
54
GHI[4:0]
55
GLOW[4:0]
56
BHI[4:0]
57
BLOW[4:0]
58
VSMP[4:0]
VSMPW[2:0]
59
BSMP[4:0]
BSMPW[2:0]
5A
WMSEL
RLCSEL
CDSREF[1:0]
RLC[3:0]
5B
CKFH[4:0]
5C
CKFL[4:0]
5D
CKSH[4:0]
5E
CKSL[4:0]
60
Z1MOD[15:8]
61
Z1MOD[7:0]
62
Z2MOD[15:8]
63
Z2MOD[7:0]
64
PHFREQ[7:0]
65
MTRPWM[5:0]
66
GPO12
GPO11
GPO7
67
GPO6
GPO5
GPO4
GPO3
GPO2
GPO1
68
GPOM12
GPOM11
GPOE12
GPOE11
GPOE7
69
GPOE6
GPOE5
GPOE4
GPOE3
GPOE2
GPOE1
6A
FSTPSEL[1:0]
FASTPWM[5:0]
6B
FMOVNO[7:0]
6C
TGTIME[1:0]
Z2MOD[18:16]
Z1MOD[18:16]
6D
DECSEL[2:0]
STOPTIM[4:0]
70
GPI12
GPI11
GPI7
71
GPI6
GPI5
GPI4
GPI3
GPI2
GPI1
Note: Reg4x , Reg7x are read ports. The other are write ports.
7.1. Reg : 01H
(Write)
Default : 00H
B7:CISSET
: set: CIS scan type.
: reset: CCD scan type.
B6:DOGENB
: set: enable watch dog of ASIC(set time out:Reg1E[7:4]).
: reset: disable.
B5:DVDSET
: set : enable shading (include whole line shading and area shading two kinds).
: reset : disable shading.
B4:FASTMOD
: set: enable fast mode scanning type (include fast gray and Black & White scan).
: reset: enable normal mode scanning type (include fine gary and color scan).
B3:COMPENB
: set: enable data compression.
: reset: disable
B2:DRAMSEL
: set : the DRAM size is 4Mx2 (256kx16x2) bits.
: reset : the DRAM size is 4Mx1(256kx16x1) bits.
B1:SHDAREA
: set: enable shading area (depend on scan area and scan dpi).
: reset: shading area is whole line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com