Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 36 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 36 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 32Page - GENESYS LOGIC GL646USB Datasheet HTML 33Page - GENESYS LOGIC GL646USB Datasheet HTML 34Page - GENESYS LOGIC GL646USB Datasheet HTML 35Page - GENESYS LOGIC GL646USB Datasheet HTML 36Page - GENESYS LOGIC GL646USB Datasheet HTML 37Page - GENESYS LOGIC GL646USB Datasheet HTML 38Page - GENESYS LOGIC GL646USB Datasheet HTML 39Page - GENESYS LOGIC GL646USB Datasheet HTML 40Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
GL646USB
7.59. Reg : 60H,61H
(Write)
Defalut : 00H,00H
Z1MOD[15:0]: to set the slope curve of acceleration/deceleration table mode value
Under buffer full moving.
7.60. Reg : 62H,63H
(Write)
Defalut : 00H,00H
Z2MOD[15:0]: to set the slope curve of acceleration/deceleration mode value
Under first time moving to scanning .
(1). Two table moving :
speed
Scanning position
buffer full position
Rev. 1.4
-35-
b
d
a
c
time
(2). One table moving :
speed
Scanning position
buffer full position
b
d
a
c
time
(a+b) mode LPERIOD = Z2MOD
(c+d) mode LPERIOD = Z1MOD
7.61. Reg : 64H
(Write)
Defalut : 00H
PHFREQ[7:0]: to set PWM frequency for motor phase of uni-polar.
Frequency : (24MHz)/[(PHFREQ+1)*4
7.62. Reg :65H
(Write)
Defalut : 3FH
MTRPWM[5:0]: to set PWM duty cycle for table one motor phase of uni-polar.
MTRPWM = 0
1/64 duty
= 1
2/64 duty
= 2
3/64 duty
……
= 63
64/64 duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com