Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 23 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 23 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 19Page - GENESYS LOGIC GL646USB Datasheet HTML 20Page - GENESYS LOGIC GL646USB Datasheet HTML 21Page - GENESYS LOGIC GL646USB Datasheet HTML 22Page - GENESYS LOGIC GL646USB Datasheet HTML 23Page - GENESYS LOGIC GL646USB Datasheet HTML 24Page - GENESYS LOGIC GL646USB Datasheet HTML 25Page - GENESYS LOGIC GL646USB Datasheet HTML 26Page - GENESYS LOGIC GL646USB Datasheet HTML 27Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
GL646USB
Rev. 1.4
-22-
Reg.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
29
LAMPPWM[7:0]
2A
RAMA[14:0]
2B
RAMA[7: 0]
2C
DPISET[11:8]
2D
DPISET[7:0]
2E
BWHI[7:0]
2F
BWLOW[7:0]
30
STRPIXEL[15:8]
31
STRPIXEL[7:0]
32
ENDPIXEL[15:8]
33
ENDPIXEL[7:0]
34
DUMMY[7:0]
35
MAXWD[18:16]
36
MAXWD[15:8]
37
MAXWD[7:0]
38
LPERIOD[15:8]
39
LPERIOD[7:0]
3A
FEWRDATA[9:8]
3B
FEWRDATA[7:0]
3C
RAMWRDATA[7:0]
3D
FEEDL[17:16]
3E
FEEDL[15:8]
3F
FEEDL[7:0]
41
PWRBIT
BUFEMPTY
FEEDFSH
SCANFSH
HOMESNR
LAMPSTS
FEBUSY
MOTMFLG
42
VALIDWORD[18:16]
43
VALIDWORD[15:8]
44
VALIDWORD[7:0]
45
RAMRDDATA[7:0]
46
FERDDATA[9:8]
47
FERDDATA[7:0]
48
FEDCNT[17:16]
49
FEDCNT[15:8]
4A
FEDCNT[7:0]
4B
SCANCNT[17:16]
4C
SCANCNT[15:8]
4D
SCANCNT[7:0]
4E
LPERIODRD[15:8]
4F
LPERIODRD[7:0]
50
FERDA[5:0]
51
FEWRA[5:0]
Reg.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com