Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 31 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 31 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 27Page - GENESYS LOGIC GL646USB Datasheet HTML 28Page - GENESYS LOGIC GL646USB Datasheet HTML 29Page - GENESYS LOGIC GL646USB Datasheet HTML 30Page - GENESYS LOGIC GL646USB Datasheet HTML 31Page - GENESYS LOGIC GL646USB Datasheet HTML 32Page - GENESYS LOGIC GL646USB Datasheet HTML 33Page - GENESYS LOGIC GL646USB Datasheet HTML 34Page - GENESYS LOGIC GL646USB Datasheet HTML 35Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
GL646USB
Rev. 1.4
-30-
7.29. Reg : 25H,26H,27 H
(Write)
Buffer full position
Reg21
Reg21
Reg22
Reg23
Reg24
Reg24
time
speed
Defalut : 00H,00H,00H
LINCNT[17:0]: to set the scan lines number.
7.30. Reg : 28H,29H
(Write)
Defalut : 01H,FFH
LAMPPWM[8:0] : to set PWM duty for lamp power control.
0:
1/512 duty.
1:
2/512 duty.
…..
511:512/512 duty.
7.31. Reg : 2AH,2BH
(Write)
Default : 00H.00H
RAMA[14:0] : to set DRAM start address to access data.
note: IRAM_A[18:0]={RAMA[14:0],4’b0000}.
7.32. Reg : 2CH,2DH
(Write)
Default : 00H,00H
DPISET[10:0] : set resolution of DPI for average type or deletion type.
A. average type : digital average function support 1/2,1/3,1/4,1/5,1/6,1/8,1/10,1/12,1/15
2400 dpi scanner : can set 1200,800,600,480,400,300,240,200,160 dpi.
1200 dpi scanner : can set 600,400,300,240,200,150,120,100 and 80 dpi.
600 dpi scanner : can set 300,200,150,120,100,75,60,50 and 40 dpi.
B. deletion type : 2400,1200 or 600dpi to 1 dpi setting decrement by one dpi.
7.33. Reg : 2EH
(Write)
Default : 00H
BWHI[7:0]
: to set Black & White threshold high level.
7.34. Reg : 2FH
(Write)
Default : 00H
BWLOW[7:0]
: to set Black & White threshold low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com