Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 43 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 43 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 36Page - GENESYS LOGIC GL646USB Datasheet HTML 37Page - GENESYS LOGIC GL646USB Datasheet HTML 38Page - GENESYS LOGIC GL646USB Datasheet HTML 39Page - GENESYS LOGIC GL646USB Datasheet HTML 40Page - GENESYS LOGIC GL646USB Datasheet HTML 41Page - GENESYS LOGIC GL646USB Datasheet HTML 42Page - GENESYS LOGIC GL646USB Datasheet HTML 43Page - GENESYS LOGIC GL646USB Datasheet HTML 44Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
GL646USB
7.76. Package
QFP-128L (14*20 mm, F/P: 3.2 mm):
SYMBOLS
MIN(mm)
NOM(mm)
MAX(mm)
A1
0.25
0.35
0.45
A2
2.57
2.72
2.87
b
0.10
0.20
0.30
C
0.10
0.15
0.20
D
13.90
14.00
14.10
E
19.90
20.00
20.10
e
-
0.50
-
Hd
17.00
17.20
17.40
He
23.00
23.20
23.40
L
0.65
0.80
0.95
L1
-
1.60
-
Y
-
-
0.08
Θ
0
-
12
e
b
0.08(0.003)
M
E
He
A2
A1
Y
H
Rev. 1.4
-42-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com