Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 10Page - GENESYS LOGIC GL646USB Datasheet HTML 11Page - GENESYS LOGIC GL646USB Datasheet HTML 12Page - GENESYS LOGIC GL646USB Datasheet HTML 13Page - GENESYS LOGIC GL646USB Datasheet HTML 14Page - GENESYS LOGIC GL646USB Datasheet HTML 15Page - GENESYS LOGIC GL646USB Datasheet HTML 16Page - GENESYS LOGIC GL646USB Datasheet HTML 17Page - GENESYS LOGIC GL646USB Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
GL646USB
15x31.25ns/pixel = 0.469us/pixel
(1). 600dpi : 1.517~2.533ms/line
(2). 1200dpi : 3.034~5.066ms/line
6.4. Fast scan for low DPI
Multiple CCD clocking rates allows speed up scan speed. You can speed up 2 times, 3 times or 4 times scanning
time for low resolution.
For example,600dpi scanner: if 75dpi speed up 4 times then 5.4ms/4=1.35ms/line. Scan speed is equal to 1.18s/page.
Chunky scan: You can speed up 2 times,3 times or 4 times scanning time.
Planar scan: 9 system clock/pixel: You can not speed up scanning time
12 system clock/pixel : You can speed up 2 times scanning time
15 system clock/pixel : You can speed up 2 times scanning time
6.5. Scanning Type
Support three line in(parallel ) for CCD, one line in for CCD or CIS, RGB line by turns in for CCD three types.
A. CCD
a. Three line in :
G
R
B
b. Line by line :
R
G
B
c.
Line by turns :
B
G
R
B. CIS
a. color scan :
TG
LED R
LED G
LED B
b.
gray scan:
Rev. 1.4
-13-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com