Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL646USB Datasheet(PDF) 40 Page - GENESYS LOGIC

Part # GL646USB
Description  Three-in-one Scanner Controller for USB and 1394
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL646USB Datasheet(HTML) 40 Page - GENESYS LOGIC

Back Button GL646USB Datasheet HTML 36Page - GENESYS LOGIC GL646USB Datasheet HTML 37Page - GENESYS LOGIC GL646USB Datasheet HTML 38Page - GENESYS LOGIC GL646USB Datasheet HTML 39Page - GENESYS LOGIC GL646USB Datasheet HTML 40Page - GENESYS LOGIC GL646USB Datasheet HTML 41Page - GENESYS LOGIC GL646USB Datasheet HTML 42Page - GENESYS LOGIC GL646USB Datasheet HTML 43Page - GENESYS LOGIC GL646USB Datasheet HTML 44Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
GL646USB
Rev. 1.4
-39-
GREEN
0A000H~0AFFFH
SIZE : 4K
12 BITS
GAMMA
BLUE
0B000H~0BFFFH
SIZE : 4K
RED
09000H~0CFFFH
SIZE : 16K
GREEN
0D000H~10FFFH
SIZE : 16K
600DPI
14 BITS
GAMMA
BLUE
11000H~14FFFH
SIZE : 16K
RED
11000H~11FFFH
SIZE : 4K
GREEN
12000H~12FFFH
SIZE : 4K
12 BITS
GAMMA
BLUE
13000H~13FFFH
SIZE : 4K
RED
11000H~14FFFH
SIZE : 16K
GREEN
15000H~18FFFH
SIZE : 16K
1200DPI
14 BITS
GAMMA
BLUE
19000H~1CFFFH
SIZE : 16K
RED
20000H~20FFFH
SIZE : 4K
GREEN
21000H~21FFFH
SIZE : 4K
12 BITS
GAMMA
BLUE
22000H~22FFFH
SIZE : 4K
RED
20000H~23FFFH
SIZE : 16K
GREEN
24000H~27FFFH
SIZE : 16K
2400DPI
14 BITS
GAMMA
BLUE
28000H~2BFFFH
SIZE : 16K
7.74. Image Buffer Mapping :
DRAM
Resolution
A[18:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com