Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 64 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 60Page - STMicroelectronics STW5098BBLR Datasheet HTML 61Page - STMicroelectronics STW5098BBLR Datasheet HTML 62Page - STMicroelectronics STW5098BBLR Datasheet HTML 63Page - STMicroelectronics STW5098BBLR Datasheet HTML 64Page - STMicroelectronics STW5098BBLR Datasheet HTML 65Page - STMicroelectronics STW5098BBLR Datasheet HTML 66Page - STMicroelectronics STW5098BBLR Datasheet HTML 67Page - STMicroelectronics STW5098BBLR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
Electrical characteristics
STw5098
64/85
10.4
Headset plug-in and push-button detector
Information below is for each entity.
10.5
Microphone bias
Information below is for each entity.
10.6
Power supply rejection ratio
Table 42.
Headset plug-in and push-button detector specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
HDVL
Plug-in detected
Voltage at HDET
VCCA-1
V
HDVH
Plug-in undetected
Voltage at HDET
VCCA-0.5
V
HDH
Plug-in detector hysteresis
100
mV
PBVL
Push-button pressed
Voltage at HDET
0.5
V
PBVH
Push-button released
Voltage at HDET
1
V
PBD
Push-button de-bounce
time
15
50
ms
Table 43.
Microphone bias specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VMBIAS
MBIAS output
voltage
1.95
2.1
2.25
V
IMBIAS
MBIAS output
current
From MBIAS to ground
1.1
mA
RMBIAS
MBIAS output load
3.5
k
Ω
CMBIAS
MBIAS output
capacitance
150
pF
PSRMB4
PSRMB20
MBIAS power
supply rejection
f<4kHz
f<20kHz
60
50
dB
dB
Table 44.
Power supply rejection ratio specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PSRL20
PSRL200
PSRR VCCLS
Each output (LSP, LSN)
f<20kHz
f<200kHz
65
47
dB
dB
PSRPH
PSRPOS
PSRPOD
PSRR VCCP
Headphones f<20kHz
Line out single ended f<20kHz
Line out differential f<20kHz
65
65
65
dB
dB
dB
PSRAM
PSRAL
PSRR VCCA
Mic input f<20kHz
Line In f<20kHz
50
50
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com